Electronic Components Datasheet Search
  English  ▼

X  

TA0102A Datasheet(PDF) 8 Page - Tripath Technology Inc.

Part # TA0102A
Description  STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0102A Datasheet(HTML) 8 Page - Tripath Technology Inc.

Back Button TA0102A Datasheet HTML 4Page - Tripath Technology Inc. TA0102A Datasheet HTML 5Page - Tripath Technology Inc. TA0102A Datasheet HTML 6Page - Tripath Technology Inc. TA0102A Datasheet HTML 7Page - Tripath Technology Inc. TA0102A Datasheet HTML 8Page - Tripath Technology Inc. TA0102A Datasheet HTML 9Page - Tripath Technology Inc. TA0102A Datasheet HTML 10Page - Tripath Technology Inc. TA0102A Datasheet HTML 11Page - Tripath Technology Inc. TA0102A Datasheet HTML 12Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Tripath Technology, Inc. - Technical Information
8
TA0102A, Rev. 3.1/06.01
Typical Performance
Channel Separation versus Frequency
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
20Hz - 22kHz BW
BBM = 25nS
Pout = 30W/Channel @ 4
Ω
Pout = 20W/Channel @ 8
Ω
V
S = +/-33.75V
Av = 14.8
ST STP19NB20 MOSFET
8
Ω
4
Ω
A-Weighted Noise FFT
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
20Hz - 22kHz BW
BBM = 25nS
Pout = 0
V
S = +/-33.75V
R
L = 4Ω
Av = 14.8
ST STP19NB20 MOSFET
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
60
30k
100
200
500
1k
2k
5k
10k
20k
Intermodulation Performance
R
L = 8Ω
Frequency (Hz)
10Hz - 80kHz BW
19kHz, 20kHz, 1:1
BBM = 25nS
Pout = 20W/Channel
V
S = +/-33.75V
0dBr = 13Vrms
Av = 14.8
ST STP19NB20 MOSFET
Intermodulation Performance
R
L = 4Ω
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
60
30k
100
200
500
1k
2k
5k
10k
20k
Frequency (Hz)
10Hz - 80kHz BW
19kHz, 20kHz, 1:1
BBM = 25nS
Pout = 30W/Channel
V
S = +/-33.75V
0dBr = 11Vrms
Av = 14.8
ST STP19NB20 MOSFET
0.01
0.1
1
10
1
10
100
1000
Output Power (W)
33.75V
27V
20Hz - 22kHz BW
f = 1kHz
BBM = 25nS
Av = 14.8
ST STP19NB20 MOSFET
50V
THD+N versus Output Power
versus Supply Voltage
R
L = 4Ω
50V
0.01
0.1
1
10
1
10
100
1000
Output Power (W)
THD+N versus Output Power
versus Supply Voltage
R
L = 8Ω
20Hz - 22kHz BW
f = 1kHz
BBM = 25nS
Av = 14.8
ST STP19NB20 MOSFET
33.75V
27V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com