Electronic Components Datasheet Search
  English  ▼

X  

A1080a-e Datasheet(PDF) 2 Page - NEC

Part # A1080a-e
Description  Scalable HA Server Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

A1080a-e Datasheet(HTML) 2 Page - NEC

  A1080a-e Datasheet HTML 1Page - NEC A1080a-e Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cat.No. E05-11050001E
Express5800/A1080a
http://www.nec.com/express/
Express5800 servers
Copyright © NEC Corporation 2011. All rights reserved.
• NEC is a registered trademark and Empowered by Innovation is a trademark of NEC Corporation.
• Intel and Xeon are trademarks of Intel Corporation in the U.S. and/or other countries.
• Microsoft and Windows Server are either registered trademarks or trademarks of Microsoft Corporation in the United States and/or other countries.
• Linux is a trademark of Linus Torvalds.
• Red Hat is a registered trademark of Red Hat, Inc. in the U.S.
• VMware is a registered trademark or trademark of VMware, Inc. in the United States and/or other jurisdictions.
• All other products, brands, or trade names used in this document are trademarks or registered trademarks of their respective holders.
• Specifications are subject to change without notice.
NEC EXPRESS5800
Specifications
Service processors
1 1000BASE-T port for management LAN (per server)
External Interfaces
2 1000BASE-T*
1
1 VGA*
1
1 RS232C serial port*
1
2 front*
2 / 2 rear*1 USB
*1 : Per server in A1080a-D
*2 : Shared with two servers in A1080a-D
Peripheral devices
1 DVD-ROM or DVD Multi drive*
* Linux does not support DVD Multi drive
Storage
SAS SFF 2.5-inch HDD (hot-swap)
RAID levels 0 / 1 / 5 / 6 / 10 / 50
Up to 7.2TB for A1080a-E
Up to 3.6TB for A1080a-D (per server) and A1080a-S
Memory
DDR3L Registered DIMM
ECC, SDDC, DDDC, on-line sparing, mirroring
8GB to 2TB for A1080a-E
4GB to 1TB for A1080a-D (per server) and A1080a-S
Processors
Intel® Xeon® Processor E7-8800/4800 Product Family:
E7-8870 (2.40GHz/10C/30MB)
E7-8850 (2GHz/10C/24MB)
E7-8830 (2.13GHz/8C/24MB)
E7-4820 (2GHz/8C/18MB)*
E7-4807 (1.86GHz/6C/18MB)*
* Not supported by A1080a-E
Model
A1080a-E: Eight-socket server
A1080a-D: Dual four-socket server
A1080a-S: Four-socket server
Operating systems
Microsoft
® Windows Server® 2008 R2 Enterprise*3
Microsoft
® Windows Server® 2008 R2 Datacenter*3
Microsoft
® Windows Server® 2008 Enterprise (x64, SP2 or later)*4
Microsoft
® Windows Server® 2008 Datacenter (x64, SP2 or later)*4
Red Hat
® Enterprise Linux® Advanced Platform 5.6*4, *5, *6
Red Hat
® Enterprise Linux® Advanced Platform 6.1*5, *6
VMware
® ESX™ and ESXi™ 4.1
*3 : A1080a-E will support Microsoft
® Windows Server® 2008 R2 from SP1 or later.
*4 : A1080a-E does not support
*5 : Linux does not support DVD Multi drive
*6 : To be supported
Weight (Maximum)
79.2kg for A1080a-E
79.6kg for A1080a-D
63.5kg for A1080a-S
Dimensions (W x D x H)
448 x 714 x 307 mm (7U rack height)
482.6 x 848 x 307 mm (including protruding objects and guide rails)
Power
2-4 80 PLUS® Gold certified power supply
2N redundancy
Maximum power consumption (200V):
3574VA/3503W (A1080a-E), 3601VA/3529W (A1080a-D),
2017VA/1977W (A1080a-S)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com