Electronic Components Datasheet Search
  English  ▼

X  

B120F Datasheet(PDF) 2 Page - NEC

Part # B120F
Description  The flexible blade server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B120F Datasheet(HTML) 2 Page - NEC

  B120F Datasheet HTML 1Page - NEC B120F Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Asia (APAC)
NEC Corporation
Europe (EMEA)
NEC Enterprise Solutions
North America
NEC Corporation of America
7-1, Shiba 5-chome Minato-ku
Tokyo 108-8001 Japan
Olympia 4
1213 NT Hilversum
The Netherlands
+31 35 6899111
3151 Jay Street, Ste. 110,
Santa Clara, CA 95054 U.S.
+1 866 632 3226
www.nec.com/express
www.nec-enterprise.com
www.necam.com/servers
NEC Corporation
www.nec.com
NEC Express5800/B120f
Simplified Manageability
• Supports agent-less management
capability with EXPRESSSCOPE
Engine3 that offers extensive remote
management and control capability
regardless of the server status
• Supports simplified system operations
with SigmaSystemCenter that enables
unified system operations including
physical and virtual servers, and
autonomous system operations based
on pre-defined policy rules
Flexible Solution
• Flexible storage technology enables
optimal system configuration for direct
attached storage and storage area
network environments
• Flexible integrated NIC technology, either
dual 1GbE or dual 10GbE, provides
server scalability and flexible network
solutions without increasing CAPEX
High Performance
• Supports the latest Intel® E5-Xeon®
2600 v3 series 16-core processors
for maximum energy efficiency and
performance
• Supports up to 384 GB memory and
2133 MHz speeds, which is ideal
for server consolidation platform for
business-critical application servers
MODEL
Express5800/B120f
Form factor / height
Half-height blade
Number of processors
1 to 2
Processors
Intel® Xeon® Processor E5-2609 v3 (1.90 GHz/6-core/15 MB)
Intel® Xeon® Processor E5-2630L v3 (1.80 GHz/8-core/20 MB)
Intel® Xeon® Processor E5-2640 v3 (2.60 GHz/8-core/20 MB)
Intel® Xeon® Processor E5-2660 v3 (2.60 GHz/10-core/25 MB)
Intel® Xeon® Processor E5-2690 v3 (2.60 GHz/12-core/30 MB)
Intel® Xeon® Processor E5-2698 v3 (2.30 GHz/16-core/40 MB)
Memory type
DDR4-2133 ECC RDIMM
DDR4-2133 ECC LRDIMM
Memory slots
12
Maximum memory
384 GB
Storage type
Hot plug 2.5-inch SAS HDD, Hot plug 2.5-inch SAS SSD
Maximum internal drive bays
2
Maximum internal storage
3.6 TB
Expansion slots
1 Type I Mezzanine, 1 Type II Mezzanine, 1 PCIe for a flexible integrated NIC
Video (VRAM)
Integrated in the server management controller (32 MB)
Systems management
EXPRESSSCOPE Engine 3
Interface
1 SUV
Enclosure
Blade Enclosure M, Blade Enclosure-H v2
Temperature and humidity conditions
(non-condensing)
Operating: 10 to 40 °C / 50 to 104 °F, 20 to 80%
Non-operating: -10 to 55 °C / 14 to 131 °F, 20 to 80%
Operating systems and
virtualization software
Microsoft® Windows Server® 2008 Standard (x86)
Microsoft® Windows Server® 2008 Enterprise (x86)
Microsoft® Windows Server® 2008 R2 Standard
Microsoft® Windows Server® 2008 R2 Enterprise
Microsoft® Windows Server® 2012 Standard
Microsoft® Windows Server® 2012 Datacenter
Microsoft® Windows Server® 2012 R2 Standard
Microsoft® Windows Server® 2012 R2 Datacenter
Red Hat® Enterprise Linux® 6
VMware® ESX™i 5
Note: For Linux support, go to the NEC website at http://www.nec.com/global/prod/express/linux/, or contact our sales representative
HARDWARE SPECIFICATION
©Copyright 2014 NEC Corporation. The information and specifications
contained in this publication are subject to modification without prior
notice. Microsoft and Windows Server are either registered trademarks
or trademarks of Microsoft Corporation in the United States and/or other
countries. Intel, Intel Logo, Pentium, Pentium Inside, Xeon, and Xeon Inside
are trademarks of Intel Corporation in the U.S. and/or other countries. Linux
is a trademark of Linus Torvalds. Red Hat is a registered trademark of Red
Hat, Inc. in the U.S. VMware is a registered trademark or trademark of
VMware, Inc. in the United States and/or other jurisdictions. All other names
of products and brands cited are the property of their respective owners.
NEC is not responsible for photographic or typing errors.
Cat. No. E02-14090008E
B120f September 2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com