Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 4Page - Texas Instruments TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments TMP006 Datasheet HTML 11Page - Texas Instruments TMP006 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
( )
2
2
5
k T
B
2hc
1
B
T,
watts / cm / m
hc
e
1
l
æ
ö
ç
÷
ç
÷
l =
m
l
ç
÷
l
ç
÷
-
è
ø
16-Bit
$
ADC
Gain
Die
Temperature
IR
Thermopile
Sensor
Voltage
Reference
Sensor
Amplifier
Digital
Control
Two-Wire
Interface
DRDY
ADR0
ADR1
SCL
SDA
V+
AGND
DGND
TMP006
TMP006B
Thot
Tcold
Thot
Thot
Thot
+
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TMP006 and TMP006B are digital temperature sensors that are optimal for thermal management and
thermal protection applications where remote noncontact sensing is desired. The TMP006 and TMP006B use a
two-wire interface (I2C and SMBus compatible), and are specified over the die temperature range of –40°C to
+125°C. The TMP006 and TMP006B measure object temperatures over a range limited only by the maximum
sensor voltage (5.12 mV). The TMP006 and TMP006B contain registers for holding configuration information,
temperature measurement results, and sensor voltage measurement. Die temperature and sensor voltage
measurements are used to calculate the object temperature.
The TMP006 and TMP006B provide both die temperature and thermopile sensor voltage outputs in a small
DSBGA chip-scale package. The die temperature sensor in both the TMP006 and TMP006B is integrated on-
chip; the thermal path runs through the DSBGA solder balls. The low thermal resistance of the solder balls
provides the thermal path to maintain the chip at the temperature of the die environment.
The top side of the DSBGA package must face the object that is being measured with an unobstructed view in
order to accurately measure the temperature. Refer to the user guide TMP006 Layout and Assembly Guidelines
(SBOU108) for more details.
8.2 Functional Block Diagram
8.3 Feature Description
The TMP006 and TMP006B sense the IR radiation emitted by all objects. The spectrum of the radiation depends
only on the temperature and is given by Planck’s law, as shown in Equation 1:
where
•
h = Planck’s constant
•
c = speed of light
•
kB = Boltzmann’s constant
•
λ = wavelength in microns
(1)
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com