Electronic Components Datasheet Search
  English  ▼

X  

TMP006B Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP006B
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006B Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 8Page - Texas Instruments TMP006B Datasheet HTML 9Page - Texas Instruments TMP006B Datasheet HTML 10Page - Texas Instruments TMP006B Datasheet HTML 11Page - Texas Instruments TMP006B Datasheet HTML 12Page - Texas Instruments TMP006B Datasheet HTML 13Page - Texas Instruments TMP006B Datasheet HTML 14Page - Texas Instruments TMP006B Datasheet HTML 15Page - Texas Instruments TMP006B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
{
}
4
OBJ
4
OBJ
DIE
ƒ V
T
T
S
æ
ö
=
+ ç
÷
ç
÷
è
ø
4
4
SENSOR
OBJ
DIE
V
T
T
=
+
es
(
)
4
4
SENSOR
ABSORBED
RADIATED
OBJ
DIE
V
E
E
T
T
µ
-
= es
-
4
Rad
OBJ
Energy
T
= es
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
8.3.4 Object Temperature Calculation
The TMP006 and TMP006B generate a sensor voltage, VSensor, in register 00h that is representative of the
energy radiated by the object. In an ideal situation, the Stefan-Boltzman law relates the energy radiated by an
object to its temperature by the relationship shown in Equation 5:
where
•
σ = Stefan-Boltzman constant = 5.7 × 10
-12 W/cm2/K4
•
ε = Emissivity, 0 < ε < 1, an object dependent factor, ε = 1 for a perfect black body
(5)
A similar relationship holds for the sensing element itself that radiates heat at a rate determined by TDIE. The net
energy absorbed by the sensor is then given by the energy absorbed from the object minus the energy radiated
by the sensor, as shown in Equation 6:
(6)
In an ideal situation, the sensor voltage relates to object temperature as shown in Equation 7:
(7)
where
•
S is a system-dependent parameter incorporating the object emissivity (
ε), FOV, and sensor characteristics.
The parameters S0, A1, and A2 are used in determining S.
•
f(VOBJ) is a function that compensates for heat flow other than radiation, such as convection and conduction,
from nearby objects. The parameters B0, B1, and B2 are used to tune this function to a particular system and
environment.
(8)
The coefficients affect object temperature measurement as described in Table 1.
Table 1. Calibration Coefficient Definitions
COEFFICIENT
PURPOSE
CALIBRATION
COMMENT
S0
FOV and emissivity of object
Application and object
Default values based on black body with
ε = 0.95, and
dependent
110° FOV
A1, A2
Device properties
Factory set
Default values based on typical sensor characteristics
C
Device properties
Factory set
Default values based on typical sensor characteristics
B0, B1, B2
Corrects for energy sources
Environment dependent
Calibrate in end-application environment
12
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com