Electronic Components Datasheet Search
  English  ▼

X  

RFC3665 Datasheet(PDF) 3 Page - NEC

Part # RFC3665
Description  On-site wireless telephony on your IP Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RFC3665 Datasheet(HTML) 3 Page - NEC

  RFC3665 Datasheet HTML 1Page - NEC RFC3665 Datasheet HTML 2Page - NEC RFC3665 Datasheet HTML 3Page - NEC RFC3665 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IP DECT AP400 series
Dimensions
291x241x88 mm (wxhxd)
Weight
1.23 kg (inclusive radio & 8dBi antenna
and antenna cables)
Protection
Handset: IP20
Material
Polycarbonate
Colour
Grey (RAL 7035)
Mounting of
outdoor box
• Base stations are installed inside
as a complete unit
• Wall mounting material included
Operating with
outdoor box
• -20°C to +45°C (class 3.2)
• No additional heating required
• UV radiation resistant
Relative humidity
5 to 95%
Hermetically closed
IP66
Outdoor box
IEC 62208, UL 508 A, IEC 62262: IK08,
NEMA 4.4X: IP66
Industrial use
IEC 439-4
PC Operating
System/browser
• Windows 2003 Server SP2
or higher
• Windows 2008 SP2
• Windows 2008 R2
• Windows XP Professional
SP2 or higher
• Windows 7 (Professional,
Enterprise and Ultimate)
• Browser: Internet Explorer
6.0 or higher
Required PC hardware
• CPU: Minimum 2.4 GHz
• RAM: Minimum 1 Gb
Dimensions
Outdoor box
DAP Manager platform
PBX platform compatibility
AP400 package content
External Antenna
Dimensions
146x174x43 mm (wxhxd) including antenna part
mounted horizontally) (in case the antenna part is
mounted vertically 146x147x69 mm)
Weight
302 gram (AP400E 306 gram)
ABS/polycarbonate
Protection
Handset: IP20
Range
Indoor: 50 m max 5)
Outdoor: 300 m max 5)
Power
supply
Power over Ethernet (PoE): 36-57 V over spare wire
pairs and phantom feed: IEEE802.3af (Class 2)
Colour and
finishing
Housing: white (RAL9010), antenna part light grey
(RAL7035)
Network
10/100BASE-T IEEE802.3
Connector
8-pin RJ45
Cable
Cat. 5 or CAT 6 UTP
IP version
4, DHCP, TFTP
QoS
IEEE802.1Q, 802.1p
DiffServ
Yes
Audio
algorithms
• G.711
• G.729AB (AP400 and AP400E: plus G7A
board)
Full non-
blind slot
DECT RF
part
According to EN301406
RF output 6) 10mW average per channel at antenna connection
Sensitivity
Typical -90 dBm measured at antenna connection
at BER=0.001
Antenna
Dual omni-directional internal antennas
Frequency
bands
• EMEA: 1880 – 1900 MHz
• Thailand: 1900 – 1906 MHz
• Latin America: 1910 – 1930 MHz
• North America: 1920 – 1930 MHz
• 10 carrier frequencies (or less, depending on
country regulations)
Typical
range
• Indoor: 20 – 50 m 5)
• Outdoor: 300 m 5)
5) The radio coverage of DECT equipment depends on the
environment and presence of obstacles.
6) For specific countries, such as Egypt, the maximum number
of channels is 6 channels per base.
Compatible with all NEC communication platforms: UNIVERGE
SL-series, SV8100, SV8300, SV8500.
SIP compatibility has been tested with various 3rd party PBX
systems, such as with Mitel 3300, Cisco CUCM R6.1/R8.x)
and Alcatel Lucent Omni PCX Enterprise R9.x (ask your local
representative for detailed information).
AP400 model
Mounting material
External Directional
Antennas
AP400E for external,
directional antennas



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com