Electronic Components Datasheet Search
  English  ▼

X  

M123A10BPC103JS Datasheet(PDF) 2 Page - AVX Corporation

Part # M123A10BPC103JS
Description  Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M123A10BPC103JS Datasheet(HTML) 2 Page - AVX Corporation

  M123A10BPC103JS Datasheet HTML 1Page - AVX Corporation M123A10BPC103JS Datasheet HTML 2Page - AVX Corporation M123A10BPC103JS Datasheet HTML 3Page - AVX Corporation M123A10BPC103JS Datasheet HTML 4Page - AVX Corporation M123A10BPC103JS Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAY 2015
■ 103
MIL-PRF-123/Chips
Part Number 1/
Capacitance Capacitance
Voltage-
Rated
(0805 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A10BP_1R0__
1.0
C,D
BP
50,100
M123A10BP_1R1__
1.1
M123A10BP_1R2__
1.2
M123A10BP_1R3__
1.3
M123A10BP_1R5__
1.5
M123A10BP_1R6__
1.6
M123A10BP_1R8__
1.8
M123A10BP_2R0__
2.0
M123A10BP_2R2__
2.2
M123A10BP_2R4__
2.4
M123A10BP_2R7__
2.7
M123A10BP_3R0__
3.0
M123A10BP_3R3__
3.3
M123A10BP_3R6__
3.6
M123A10BP_3R9__
3.9
M123A10BP_4R3__
4.3
M123A10BP_4R7__
4.7
M123A10BP_5R1__
5.1
M123A10BP_5R6__
5.6
M123A10BP_6R2__
6.2
M123A10BP_6R8__
6.8
M123A10BP_7R5__
7.5
M123A10BP_8R2__
8.2
M123A10BP_9R1__
9.1
M123A10BP_100__
10
C, J, K
M123A10BP_110__
11
M123A10BP_120__
12
M123A10BP_130__
13
M123A10BP_150__
15
M123A10BP_160__
16
M123A10BP_180__
18
M123A10BP_200__
20
M123A10BP_220__
22
M123A10BP_240__
24
M123A10BP_270__
27
F, J, K
M123A10BP_300__
30
M123A10BP_330__
33
M123A10BP_360__
36
M123A10BP_390__
39
M123A10BP_430__
43
M123A10BP_470__
47
M123A10BP_510__
51
M123A10BP_560__
56
M123A10BP_620__
62
M123A10BP_680__
68
M123A10BP_750__
75
F, J, K
BP
50,100
MIL-PRF-123/STYLE CKS51, -/10
Part Number 1/
Capacitance Capacitance
Voltage-
Rated
(0805 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A10BP_820__
82
F, J, K
BP
50,100
M123A10BP_910__
91
M123A10BP_101__
100
M123A10BP_111__
110
M123A10BP_121__
120
M123A10BP_131__
130
M123A10BP_151__
150
M123A10BP_161__
160
M123A10BP_181__
180
M123A10BP_201__
200
M123A10BP_221__
220
M123A10BP_241__
240
M123A10BP_271__
270
M123A10BP_301__
300
M123A10BP_331__
330
M123A10BP_361__
360
M123A10BP_391__
390
M123A10BP_431__
430
M123A10BP_471__
470
F,J,K
BP
50,100
M123A10BPB511__
510
F,J,K
BP
50
M123A10BPB561__
560
M123A10BPB621__
620
M123A10BPB681__
680
F,J,K
BP
50
M123A10BX_331K_
330
K
BX
50,100
M123A10BX_391K_
390
M123A10BX_471K_
470
M123A10BX_561K_
560
M123A10BX_681K_
680
M123A10BX_821K_
820
M123A10BX_102K_
1,000
M123A10BX_122K_
1,200
M123A10BX_152K_
1,500
M123A10BX_182K_
1,800
M123A10BX_222K_
2,200
M123A10BX_272K_
2,700
M123A10BX_332K_
3,300
M123A10BX_392K_
3,900
M123A10BX_472K_
4,700
K
BX
50,100
M123A10BXB562K_
5,600
K
BX
50
M123A10BXB682K_
6,800
M123A10BXB822K_
8,200
M123A10BXB103K_
10,000
M123A10BXB123K_
12,000
M123A10BXB153K_
15,000
M123A10BXB183K_
18,000
K
BX
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com