Electronic Components Datasheet Search
  English  ▼

X  

TA2012F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA2012F
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA2012F Datasheet HTML 5Page - Toshiba Semiconductor TA2012F Datasheet HTML 6Page - Toshiba Semiconductor TA2012F Datasheet HTML 7Page - Toshiba Semiconductor TA2012F Datasheet HTML 8Page - Toshiba Semiconductor TA2012F Datasheet HTML 9Page - Toshiba Semiconductor TA2012F Datasheet HTML 10Page - Toshiba Semiconductor TA2012F Datasheet HTML 11Page - Toshiba Semiconductor TA2012F Datasheet HTML 12Page - Toshiba Semiconductor TA2012F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
9
5. AM local oscillator buffer output
· The output impedance of AM local oscillator buffer output pin (pin(4)) is 750Ω (typ.) (cf.P.3)
· It is possible to reduce the output level to add the resistance between the pin(4) and VCC line. The signal
waveform is the rectangular wave, and the level is 500mVp-p (fOSC = 1.45MHz, typ.)
· The higher local oscillation frequency (fOSC) to be, the lower buff output level to be owing to the load capacity.
So, in the case that it is connected to other circuits, take care of the input capacity of these circuits and stray
capacity of wire.
6. Tuning LED driver and stereo LED driver
· The tuning LED driver and stereo LED driver don't have current limit resistance
shown in the right figure. So, it is necessary to add the current limit resistance:
R10, R11.
· Set up the values of R10, R11 to keep the drive currents ID10, ID11 under 10mA.
7.FM detection circuit
For the FM detection circuit,detection coil is able to use instead of ceramic discriminator.
Recommended circuit and recommended coil are as follows.
In this case, please take care that Vin (lim.) falls a little.
Turns
Test
Frequency
Co
(pF)
Qo
1
-2
2
-3
1
-3
4
-6
Wire
(mm
f)
REF
10.7MHz
100
100
―
―
12
―
0.12 UEW
SUMIDA ELECTRIC CO., LTD
2153
-4095-189 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com