Electronic Components Datasheet Search
  English  ▼

X  

TA2012 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TA2012
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2012 Datasheet HTML 6Page - Toshiba Semiconductor TA2012 Datasheet HTML 7Page - Toshiba Semiconductor TA2012 Datasheet HTML 8Page - Toshiba Semiconductor TA2012 Datasheet HTML 9Page - Toshiba Semiconductor TA2012 Datasheet HTML 10Page - Toshiba Semiconductor TA2012 Datasheet HTML 11Page - Toshiba Semiconductor TA2012 Datasheet HTML 12Page - Toshiba Semiconductor TA2012 Datasheet HTML 13Page - Toshiba Semiconductor TA2012 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
10
8. FM / AM switch and forced monaural switch
FM / AM switch over and stere / forced monaural switch over are done by
internal PNP transistors ON / OFF which are connected to pin(16) and pin
(17) respectively.
The threshold voltages of these PNP transistors are Vth = VCC, and for
switching, we recommend to use mechanical switch.
(Direct short to VCC line.)
In the case of the electrical switch over by transistor, set up VCE
(saturation voltage between collector and emitter) 50mV or less, otherwise
there are some cases that it does not become the AM mode and force
monaural mode.
When these external switches are ON, the currents which flow into pin(16)
and pin(17) are 100µA and 20µA respectively. (Typical value at VCC = 3V)
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
8
V
LED current
ILED
10
mA
LED voltage
VLED
8
V
TA8132AN
1200
Power dissipation
TA8132AF
PD (Note)
400
mW
Operating Temperature
Topr
-25~75
°C
Storage temperature
Tstg
-55~150
°C
(Note): Derated above 25°C in the proportion of 9.6mW / °C for TA8132AN, TA2012N and
of 3.2mW / °C for TA8132AF, TA2012F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com