Electronic Components Datasheet Search
  English  ▼

X  

STL12N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL12N60M2
Description  N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL12N60M2 Datasheet HTML 1Page - STMicroelectronics STL12N60M2 Datasheet HTML 2Page - STMicroelectronics STL12N60M2 Datasheet HTML 3Page - STMicroelectronics STL12N60M2 Datasheet HTML 4Page - STMicroelectronics STL12N60M2 Datasheet HTML 5Page - STMicroelectronics STL12N60M2 Datasheet HTML 6Page - STMicroelectronics STL12N60M2 Datasheet HTML 7Page - STMicroelectronics STL12N60M2 Datasheet HTML 8Page - STMicroelectronics STL12N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2015
DocID027900 Rev 1
1/15
This is information on a product in full production.
www.st.com
STL12N60M2
N-channel 600 V, 0.
400 Ω typ., 6.5 A MDmesh™ M2
Power MOSFET in a PowerFLAT 5x6 HV package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STL12N60M2
600 V
0.
495 Ω
6.5 A
52 W
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STL12N60M2
12N60M2
PowerFLAT 5x6 HV
Tape and reel
1
2
3
4
PowerFLAT™ 5x6 HV


Similar Part No. - STL12N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL12N60M6 STMICROELECTRONICS-STL12N60M6 Datasheet
798Kb / 15P
N-channel 600 V, 390 m typ., 6.4 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
13-Jan-2019
More results

Similar Description - STL12N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
N-channel 600 V, 0.389 Ω typ., 7 A MDmesh™M2 EP Power MOSFET in a PowerFLAT™5x6 HV package
15-Jun-2015
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL16N65M2 STMICROELECTRONICS-STL16N65M2 Datasheet
947Kb / 16P
N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
31-Oct-2014
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
07-Dec-2016
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL15N60DM6 STMICROELECTRONICS-STL15N60DM6 Datasheet
579Kb / 15P
N-channel 600 V, 295 m typ., 8.5 A, MDmesh DM6 Power MOSFET in a PowerFLAT 5x6 HV package
03-Jul-2020
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STL18N60M6 STMICROELECTRONICS-STL18N60M6 Datasheet
792Kb / 15P
N-channel 600 V, 255 m typ., 9 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
19-Apr-2019
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com