Electronic Components Datasheet Search
  English  ▼

X  

STL22N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL22N65M5
Description  Low gate input resistance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL22N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL22N65M5 Datasheet HTML 1Page - STMicroelectronics STL22N65M5 Datasheet HTML 2Page - STMicroelectronics STL22N65M5 Datasheet HTML 3Page - STMicroelectronics STL22N65M5 Datasheet HTML 4Page - STMicroelectronics STL22N65M5 Datasheet HTML 5Page - STMicroelectronics STL22N65M5 Datasheet HTML 6Page - STMicroelectronics STL22N65M5 Datasheet HTML 7Page - STMicroelectronics STL22N65M5 Datasheet HTML 8Page - STMicroelectronics STL22N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
February 2013
Doc ID 023543 Rev 2
1/17
17
STL22N65M5
N-channel 650 V, 0.180
Ω typ., 15 A MDmesh™ V Power MOSFET
in a PowerFLAT™ 8x8 HV package
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Applications
■ Switching applications
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order code
VDS @
TJmax
RDS(on)
max
ID
STL22N65M5
710 V
0.210
Ω
15 A(1)
1.
The value is rated according to Rthj-case and limited by
package.
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL22N65M5
22N65M5
PowerFLAT™ 8x8 HV
Tape and reel
www.st.com


Similar Part No. - STL22N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL22N60DM6 STMICROELECTRONICS-STL22N60DM6 Datasheet
347Kb / 14P
N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Feb-2022
STL22N60M6 STMICROELECTRONICS-STL22N60M6 Datasheet
792Kb / 15P
N-channel 600 V, 220 m typ., 10 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
November 2018 Rev 1
More results

Similar Description - STL22N65M5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
Low Gate Input Resistance
Rev 3
logo
STMicroelectronics
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
Low gate input resistance
19-Jun-2015
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
Low gate input resistance
28-Feb-2014
STD9N40M2 STMICROELECTRONICS-STD9N40M2 Datasheet
847Kb / 16P
Low gate input resistance
June 2014 Rev 2
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
Low gate input resistance
08-Jan-2010
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
Low gate input resistance
20-Mar-2015
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
Low gate input resistance
06-Feb-2014
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
Low gate input resistance
27-Jun-2014
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
Low gate input resistance
07-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com