Electronic Components Datasheet Search
  English  ▼

X  

STL60N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL60N3LLH5
Description  N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL60N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL60N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2010
Doc ID 17268 Rev 1
1/12
12
STL60N3LLH5
N-channel 30 V, 0.0063
Ω, 17 A PowerFLAT™ (5x6)
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Application
■ Switching applications
Description
This STripFET™V Power MOSFET technology is
among the latest improvements, which have been
especially tailored to achieve very low on-state
resistance providing also one of the best-in-class
figure of merit (FOM).
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL60N3LLH5
30 V
<0.0071
Ω 17 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ ( 5x6 )
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL60N3LLH5
60N3LLH5
PowerFLAT™ (5x6)
Tape and reel
www.st.com


Similar Part No. - STL60N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
Dual N-channel 30 V, 0.005 Ω, 15 A PowerFLAT™ 5x6 asymmetrical double island, STripFET™ Power MOSFET
February 2012 Rev 3
More results

Similar Description - STL60N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL100N1VH5 STMICROELECTRONICS-STL100N1VH5 Datasheet
775Kb / 13P
N-channel 12 V, 0.0022 25 A PowerFLAT (5x6) STripFET V Power MOSFET
10-Mar-2011
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
N-channel 30 V, 0.0055 Ω, 19 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
July 2010 Rev 2
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com