Electronic Components Datasheet Search
  English  ▼

X  

STL90N6F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL90N6F7
Description  N-channel 60 V, 0.0046 Ω typ., 90 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N6F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL90N6F7 Datasheet HTML 1Page - STMicroelectronics STL90N6F7 Datasheet HTML 2Page - STMicroelectronics STL90N6F7 Datasheet HTML 3Page - STMicroelectronics STL90N6F7 Datasheet HTML 4Page - STMicroelectronics STL90N6F7 Datasheet HTML 5Page - STMicroelectronics STL90N6F7 Datasheet HTML 6Page - STMicroelectronics STL90N6F7 Datasheet HTML 7Page - STMicroelectronics STL90N6F7 Datasheet HTML 8Page - STMicroelectronics STL90N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STL90N6F7
4/13
DocID027593 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0 V
60
V
IDSS
Zero gate voltage
drain current
VGS = 0 V
VDS = 60 V
1
µA
IGSS
Gate-body leakage
current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID
= 250 μA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 10.5 A
0.0046
0.0054
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
1600
-
pF
Coss
Output capacitance
-
880
-
pF
Crss
Reverse transfer
capacitance
-
66
-
pF
Qg
Total gate charge
VDD = 30 V, ID = 21 A,
VGS = 10 V
-
25
-
nC
Qgs
Gate-source charge
-
7.2
-
nC
Qgd
Gate-drain charge
-
8.1
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 10.5 A,
RG
= 4.7 Ω, VGS = 10 V
-
15
-
ns
tr
Rise time
-
17.6
-
ns
td(off)
Turn-off delay time
-
24.4
-
ns
tf
Fall time
-
7.8
-
ns
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on voltage
ISD = 21 A, VGS = 0 V
-
1.2
V
trr
Reverse recovery time
ID = 21 A,
di/dt = 100 A/µs
VDD = 48 V
-
39.6
ns
Qrr
Reverse recovery charge
-
36
nC
IRRM
Reverse recovery current
-
1.8
A
Notes:
(1)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com