Electronic Components Datasheet Search
  English  ▼

X  

STL90N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL90N10F7
Description  N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL90N10F7 Datasheet HTML 1Page - STMicroelectronics STL90N10F7 Datasheet HTML 2Page - STMicroelectronics STL90N10F7 Datasheet HTML 3Page - STMicroelectronics STL90N10F7 Datasheet HTML 4Page - STMicroelectronics STL90N10F7 Datasheet HTML 5Page - STMicroelectronics STL90N10F7 Datasheet HTML 6Page - STMicroelectronics STL90N10F7 Datasheet HTML 7Page - STMicroelectronics STL90N10F7 Datasheet HTML 8Page - STMicroelectronics STL90N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL90N10F7
4/14
DocID024551 Rev 4
2
Electrical characteristics
(TC= 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 250 µA
100
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 100 V
1
µA
VGS = 0 V, VDS = 100 V,
Tc = 125 °C
100
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2.5
3.5
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 8 A
0.007
0.008
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 50 V, f = 1 MHz,
VGS = 0 V
-
3100
4030
pF
Coss
Output capacitance
-
700
910
pF
Crss
Reverse transfer
capacitance
-
45
58
pF
Qg
Total gate charge
VDD = 50 V, ID = 16 A,
VGS = 10 V (see Figure 14:
"Gate charge test circuit")
-
45
60
nC
Qgs
Gate-source charge
-
18
nC
Qgd
Gate-drain charge
-
13
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 50 V, ID = 8 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 13: "Switching times
test circuit for resistive load"
and Figure 18: "Switching time
waveform")
-
19
-
ns
tr
Rise time
-
32
-
ns
td(off)
Turn-off-delay time
-
36
-
ns
tf
Fall time
-
13
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com