Electronic Components Datasheet Search
  English  ▼

X  

STP13N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP13N60M2
Description  N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP13N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP13N60M2 Datasheet HTML 1Page - STMicroelectronics STP13N60M2 Datasheet HTML 2Page - STMicroelectronics STP13N60M2 Datasheet HTML 3Page - STMicroelectronics STP13N60M2 Datasheet HTML 4Page - STMicroelectronics STP13N60M2 Datasheet HTML 5Page - STMicroelectronics STP13N60M2 Datasheet HTML 6Page - STMicroelectronics STP13N60M2 Datasheet HTML 7Page - STMicroelectronics STP13N60M2 Datasheet HTML 8Page - STMicroelectronics STP13N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
February 2014
DocID023937 Rev 5
1/18
18
STP13N60M2, STU13N60M2,
STW13N60M2
N-channel 600 V, 0.35
Ω typ., 11 A MDmesh II Plus™ low Q
g
Power MOSFETs in TO-220, IPAK and TO-247 packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower R
DS(on)
x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Q
g
. These
revolutionary Power MOSFETs associate a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. They are therefore suitable for the
most demanding high efficiency converters.
AM15572v1
, TAB
TO-220
1
2
3
TAB
3
2
1
TAB
IPAK
1
2
3
TO-247
Order codes
VDS @ TJmax
RDS(on) max
ID
STP13N60M2
650 V
0.38
Ω
11 A
STU13N60M2
STW13N60M2
Table 1. Device summary
Order codes
Marking
Package
Packaging
STP13N60M2
13N60M2
TO-220
Tube
STU13N60M2
IPAK
STW13N60M2
TO-247
www.st.com


Similar Part No. - STP13N60M2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP13N60M2 VBSEMI-STP13N60M2 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STP13N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
28-May-2013
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF9N60M2 STMICROELECTRONICS-STF9N60M2 Datasheet
884Kb / 15P
N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
10-Mar-2014
STB24N60DM2 STMICROELECTRONICS-STB24N60DM2 Datasheet
1Mb / 21P
N-channel 600 V, 0.175 (ohm) typ., 18 A FDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
03-Mar-2014
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com