Electronic Components Datasheet Search
  English  ▼

X  

STP16N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16N60M2
Description  N-channel 600 V, 0.28 Ω typ., 12 A MDmesh™ M2 Power MOSFET in TO-220 and IPAK packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP16N60M2 Datasheet HTML 1Page - STMicroelectronics STP16N60M2 Datasheet HTML 2Page - STMicroelectronics STP16N60M2 Datasheet HTML 3Page - STMicroelectronics STP16N60M2 Datasheet HTML 4Page - STMicroelectronics STP16N60M2 Datasheet HTML 5Page - STMicroelectronics STP16N60M2 Datasheet HTML 6Page - STMicroelectronics STP16N60M2 Datasheet HTML 7Page - STMicroelectronics STP16N60M2 Datasheet HTML 8Page - STMicroelectronics STP16N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2015
DocID027198 Rev 1
1/16
This is information on a product in full production.
www.st.com
STP16N60M2, STU16N60M2
N-
channel 600 V, 0.28 Ω typ., 12 A MDmesh™ M2
Power MOSFET in TO-220 and IPAK packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP16N60M2
600 V
0.32 Ω
12 A
STU16N60M2
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, these devices exhibit low on-resistance
and optimized switching characteristics,
rendering them suitable for the most demanding
high efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STP16N60M2
16N60M2
TO-220
Tube
STU16N60M2
IPAK
3
2
1
TAB
IPAK
1
2
3
TAB
TO-220
AM15572v1_tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STP16N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16N65M2 STMICROELECTRONICS-STP16N65M2 Datasheet
824Kb / 16P
N-channel 650 V, 0.32 Ω typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
logo
Inchange Semiconductor ...
STP16N65M2 ISC-STP16N65M2 Datasheet
304Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
14-Oct-2011
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.230 Ω, 12 A MDmesh™V Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247
13-Oct-2011
logo
Inchange Semiconductor ...
STP16N65M5 ISC-STP16N65M5 Datasheet
303Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STP16N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
N-channel 650 V, 0.98 Ω typ., 5 A MDmesh™M2 Power MOSFETs in TO-220 and IPAK packages
28-May-2015
STP13N65M2 STMICROELECTRONICS-STP13N65M2 Datasheet
551Kb / 16P
N-channel 650 V, 0.37 Ω typ.,10 A MDmesh™ M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STP16N65M2 STMICROELECTRONICS-STP16N65M2 Datasheet
824Kb / 16P
N-channel 650 V, 0.32 Ω typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STDLED602 STMICROELECTRONICS-STDLED602 Datasheet
1Mb / 19P
N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
21-Mar-2013
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com