Electronic Components Datasheet Search
  English  ▼

X  

STP16N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16N65M2
Description  N-channel 650 V, 0.32 Ω typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP16N65M2 Datasheet HTML 1Page - STMicroelectronics STP16N65M2 Datasheet HTML 2Page - STMicroelectronics STP16N65M2 Datasheet HTML 3Page - STMicroelectronics STP16N65M2 Datasheet HTML 4Page - STMicroelectronics STP16N65M2 Datasheet HTML 5Page - STMicroelectronics STP16N65M2 Datasheet HTML 6Page - STMicroelectronics STP16N65M2 Datasheet HTML 7Page - STMicroelectronics STP16N65M2 Datasheet HTML 8Page - STMicroelectronics STP16N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2014
DocID027086 Rev 1
1/16
STP16N65M2,
STU16N65M2
N-channel 650 V, 0.32
Ω typ., 11 A MDmesh M2
Power MOSFETs in TO-220 and IPAK packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (Coss) profile
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, the devices exhibit low on-resistance
and optimized switching characteristics, rendering
them suitable for the most demanding high
efficiency converters.
AM15572v1
, TAB
Order code
VDS @ TJmax
RDS(on) max
ID
STP16N65M2
710 V
0.36
Ω
11 A
STU16N65M2
710 V
0.36
Ω
11 A
Table 1. Device summary
Order codes
Marking
Package
Packaging
STP16N65M2
16N65M2
TO-220
Tube
STU16N65M2
16N65M2
IPAK
Tube
www.st.com


Similar Part No. - STP16N65M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP16N65M2 ISC-STP16N65M2 Datasheet
304Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
19-Jul-2012
STB33N65M2 STMICROELECTRONICS-STB33N65M2 Datasheet
800Kb / 23P
N-channel 650 V, 0.117 Ω typ., 24 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and I²PAK packages
10-Dec-2014
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
N-channel 650 V, 0.98 Ω typ., 5 A MDmesh™M2 Power MOSFETs in TO-220 and IPAK packages
28-May-2015
STP13N65M2 STMICROELECTRONICS-STP13N65M2 Datasheet
551Kb / 16P
N-channel 650 V, 0.37 Ω typ.,10 A MDmesh™ M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
N-channel 600 V, 0.28 Ω typ., 12 A MDmesh™ M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com