Electronic Components Datasheet Search
  English  ▼

X  

STP23N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP23N80K5
Description  N-channel 800 V, 0.23 Ω typ., 16 A MDmesh™ K5 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP23N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP23N80K5 Datasheet HTML 1Page - STMicroelectronics STP23N80K5 Datasheet HTML 2Page - STMicroelectronics STP23N80K5 Datasheet HTML 3Page - STMicroelectronics STP23N80K5 Datasheet HTML 4Page - STMicroelectronics STP23N80K5 Datasheet HTML 5Page - STMicroelectronics STP23N80K5 Datasheet HTML 6Page - STMicroelectronics STP23N80K5 Datasheet HTML 7Page - STMicroelectronics STP23N80K5 Datasheet HTML 8Page - STMicroelectronics STP23N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2015
DocID028451 Rev 1
1/13
This is information on a product in full production.
www.st.com
STP23N80K5
N-channel 800 V, 0.23
Ω typ., 16 A MDmesh™ K5
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STP23N80K5
800 V
0.28
Ω
16 A
190 W
Industry’s lowest RDS(on) x area
Industry’s best figure of merit (FoM)
Ultra low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STP23N80K5
23N80K5
TO-220
Tube


Similar Part No. - STP23N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP23NM50N STMICROELECTRONICS-STP23NM50N Datasheet
867Kb / 21P
N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
23-May-2011
logo
Inchange Semiconductor ...
STP23NM50N ISC-STP23NM50N Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP23NM60N STMICROELECTRONICS-STP23NM60N Datasheet
554Kb / 19P
N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
04-Feb-2008
logo
Inchange Semiconductor ...
STP23NM60N ISC-STP23NM60N Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP23NM60ND STMICROELECTRONICS-STP23NM60ND Datasheet
343Kb / 15P
N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
22-Jan-2008
More results

Similar Description - STP23N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB23N80K5 STMICROELECTRONICS-STB23N80K5 Datasheet
903Kb / 15P
N-channel 800 V, 0.23 Ω typ., 16 A MDmesh™ K5 Power MOSFET in a D²PAK package
28-Aug-2015
STW23N80K5 STMICROELECTRONICS-STW23N80K5 Datasheet
699Kb / 12P
N-channel 800 V, 0.23 Ω typ., 16 A MDmesh™ K5 Power MOSFET in a TO-247 package
27-Aug-2015
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
N-channel 800 V, 0.23 Ω typ., 16 A MDmesh™K5 Power MOSFET in a TO-220FP package
28-Aug-2015
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STP4LN80K5 STMICROELECTRONICS-STP4LN80K5 Datasheet
718Kb / 13P
N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
18-May-2016
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com