Electronic Components Datasheet Search
  English  ▼

X  

STP30N10F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP30N10F7
Description  N-channel 100 V, 0.02 Ω typ., 32 A STripFET™ F7 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30N10F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STP30N10F7 Datasheet HTML 1Page - STMicroelectronics STP30N10F7 Datasheet HTML 2Page - STMicroelectronics STP30N10F7 Datasheet HTML 3Page - STMicroelectronics STP30N10F7 Datasheet HTML 4Page - STMicroelectronics STP30N10F7 Datasheet HTML 5Page - STMicroelectronics STP30N10F7 Datasheet HTML 6Page - STMicroelectronics STP30N10F7 Datasheet HTML 7Page - STMicroelectronics STP30N10F7 Datasheet HTML 8Page - STMicroelectronics STP30N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP30N10F7
Electrical characteristics
DocID028799 Rev 1
5/13
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on
voltage
ISD = 32 A, VGS = 0 V
-
1.1
V
trr
Reverse
recovery time
ISD = 32 A, di/dt = 100 A/µs
VDD= 80 V, TJ= 150 °C, Figure 15: "Test
circuit for inductive load switching and
diode recovery times"
-
41
ns
Qrr
Reverse
recovery
charge
-
47
nC
IRRM
Reverse
recovery
current
-
2.3
A
Notes:
(1)Pulsed: pulse duration = 300 μs, duty cycle 1.5%.
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
100µs
1ms
10ms
0.01
Tj=175°C
Tc=25°C
Single pulse
100 Operation in this area is
limited by RDS(on)
d
0.05
0.02
0.01
0.1
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com