Electronic Components Datasheet Search
  English  ▼

X  

STP80N6F6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP80N6F6
Description  Automotive-grade N-channel 60 V, 4.4 mΩ typ., 80 A STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N6F6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP80N6F6 Datasheet HTML 3Page - STMicroelectronics STP80N6F6 Datasheet HTML 4Page - STMicroelectronics STP80N6F6 Datasheet HTML 5Page - STMicroelectronics STP80N6F6 Datasheet HTML 6Page - STMicroelectronics STP80N6F6 Datasheet HTML 7Page - STMicroelectronics STP80N6F6 Datasheet HTML 8Page - STMicroelectronics STP80N6F6 Datasheet HTML 9Page - STMicroelectronics STP80N6F6 Datasheet HTML 10Page - STMicroelectronics STP80N6F6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID023470 Rev 2
7/12
STP80N6F6
Electrical characteristics
12
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Normalized VDS vs temperature
Figure 12. Source-drain diode forward
characteristics
C
1000
100
0
40
VDS(V)
(pF)
20
60
Ciss
Coss
Crss
AM17955v1
VGS(th)
0.6
0.4
0.2
0
-75
TJ(°C)
(norm)
1.2
75
25
-25
125
ID=250µA
0.8
1
AM17956v1
RDS(on)
2
1
0
TJ(°C)
(norm)
0.5
1.5
-75
75
25
-25
125
AM17957v1
ID=40A
VDS
TJ(°C)
(norm)
0.9
0.95
1
1.05
1.1
ID=1mA
-75
75
25
-25
125
AM17958v1
VSD
0
40
ISD(A)
(V)
20
60
80
0
0.2
0.4
0.6
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
1
AM17959v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com