Electronic Components Datasheet Search
  English  ▼

X  

TCFG Datasheet(PDF) 13 Page - Rohm

Part # TCFG
Description  Chip tantalum capacitors with open-function built-in
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFG Datasheet(HTML) 13 Page - Rohm

Back Button TCFG Datasheet HTML 7Page - Rohm TCFG Datasheet HTML 8Page - Rohm TCFG Datasheet HTML 9Page - Rohm TCFG Datasheet HTML 10Page - Rohm TCFG Datasheet HTML 11Page - Rohm TCFG Datasheet HTML 12Page - Rohm TCFG Datasheet HTML 13Page - Rohm TCFG Datasheet HTML 14Page - Rohm TCFG Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TCFG series
Tantalum capacitors
13/15
(8) Impedance frequency characteristics
(9) ESR frequency characteristics
FREQUENCY
(Hz)
Fig.10
1
10
100
1000
10000
100000
G475
A case (3216)
C105
A case (3216)
C335
B case (3528)
A105
P case (2012)
1
100
10k
1M
500M
100M
FREQUENCY
(Hz)
Fig.11
1
0.1
10
100
G475
A case (3216)
C105
A case (3216)
C335
B case (3528)
A105
P case (2012)
1
100
10k
1M
500M
100M
(10) Temperature characteristics
TEMPERATURE
(
°C)
Fig.12
−10
−6
−2
0
2
6
10
−55
25
CAP 120Hz
85
125
4V
−4.7µF A case (3216)
4V
−33µF B case (3528)
10V
−1µF P case (2012)
TEMPERATURE
(
°C)
Fig.13
0
1
2
3
4
5
−55
25
DF 120Hz
85
125
4V
−4.7µF A case (3216)
4V
−33µF B case (3528)
10V
−1µF P case (2012)
TEMPERATURE
(
°C)
Fig.14
10
100
1000
0
−55
25
LC 1WV
85
125
4V
−4.7µF A case (3216)
4V
−33µF B case (3528)
10V
−1µF P case (2012)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com