Electronic Components Datasheet Search
  English  ▼

X  

TCLT11 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCLT11
Description  Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT11 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT11 Datasheet HTML 1Page - Vishay Siliconix TCLT11 Datasheet HTML 2Page - Vishay Siliconix TCLT11 Datasheet HTML 3Page - Vishay Siliconix TCLT11 Datasheet HTML 4Page - Vishay Siliconix TCLT11 Datasheet HTML 5Page - Vishay Siliconix TCLT11 Datasheet HTML 6Page - Vishay Siliconix TCLT11 Datasheet HTML 7Page - Vishay Siliconix TCLT11 Datasheet HTML 8Page - Vishay Siliconix TCLT11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCLT11.. Series
Document Number 83514
Rev. 1.8, 03-Dec-04
Vishay Semiconductors
www.vishay.com
1
C
17296
54
3
12
V
D E
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long
Mini-Flat Package
Features
• SMD Low profile 5 pin package
• Isolation Test Voltage 5000 VRMS
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E76222 System Code W, Double
Protection
• CSA 93751
• BSI IEC60950 IEC60065
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
• FIMKO
•NOTE:
See the Safety Standard Approval List "Agency
Table" for more detailed information.
Applications
Switchmode power supplies
Computer peripheral interface
Microprocessor system interface
Description
The TCLT11.. Series consists of a phototransistor
optically coupled to a gallium arsenide infrared-emit-
ting diode in a 5-lead SOP5L package.
The elements are mounted on one leadframe provid-
ing a fixed distance between input and output for high-
est safety requirements.
Order Information
NOTE: Available only on tape and reel.
Part
Remarks
TCLT1100
CTR 50 - 600 %, SMD-5
TCLT1102
CTR 63 - 125 %, SMD-5
TCLT1103
CTR 100 - 200 %, SMD-5
TCLT1105
CTR 50 - 150 %, SMD-5
TCLT1106
CTR 100 - 300 %, SMD-5
TCLT1107
CTR 80 - 160 %, SMD-5
TCLT1108
CTR 130 - 260 %, SMD-5
TCLT1109
CTR 200 - 400 %, SMD-5


Similar Part No. - TCLT11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
09-Jan-08
TCLT1100 VISHAY-TCLT1100 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
TCLT1102 VISHAY-TCLT1102 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
09-Jan-08
TCLT1102 VISHAY-TCLT1102 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
More results

Similar Description - TCLT11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
09-Jan-08
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
29-Apr-11
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Dec-15
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com