Electronic Components Datasheet Search
  English  ▼

X  

TCS800 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCS800
Description  800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCS800 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCS800 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCS800 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R.-.061300
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT VERSION
PLEASE CHECK OUR WEB SITE AT
WWW.GHZ.COM OR CONTACT OUR FACTORY DIRECT.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TCS800
800 Watts, 50 Volts, Pulsed
Avionics 1030 MHz
GENERAL DESCRIPTION
The TCS800 is a high power COMMON BASE bipolar transistor.
It is
designed for pulsed systems in the frequency band 1030 MHz, with the pulse
width and duty required for TCAS applications. The device has gold thin-film
metallization and diffused ballasting for proven highest MTTF. The transistor
includes input and output prematch for broadband capability.
Low thermal
resistance package reduces junction temperature, extends life.
CASE OUTLINE
55SM Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25
°C1
1944 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)65 V
Emitter to Base Voltage (BVebo)3.5 V
Collector Current (Ic)50 A
Maximum Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+230
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
F = 1030 MHz
800
W
Pin
Power Input
120
W
Pg
Power Gain
8.0
9.0
dB
η
c
Collector Efficiency
45
%
RL
Input Return Loss
VCC = 50 Volts
PW = 32
µsec
DF = 1%
-12
dB
Pd
Pulse Droop
0.5
dB
VSWR
Load Mismatch Tolerance
F = 1030 MHz
4:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo*
Emitter to Base Breakdown
Ie = 70 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 100 mA
65
V
hFE*
DC – Current Gain
Vce = 5V, Ic = 5A
20
θjc1
Thermal Resistance
0.09
°C/W
NOTE 1: At rated output power and pulse conditions.
*: Not measureable due to internal EB returns


Similar Part No. - TCS800

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
More results

Similar Description - TCS800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS1100 ADPOW-MDS1100 Datasheet
104Kb / 4P
1100 Watts, 50 Volts Pulsed Avionics at 1030 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com