Electronic Components Datasheet Search
  English  ▼

X  

TEA7092 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA7092 Datasheet HTML 1Page - STMicroelectronics TEA7092 Datasheet HTML 2Page - STMicroelectronics TEA7092 Datasheet HTML 3Page - STMicroelectronics TEA7092 Datasheet HTML 4Page - STMicroelectronics TEA7092 Datasheet HTML 5Page - STMicroelectronics TEA7092 Datasheet HTML 6Page - STMicroelectronics TEA7092 Datasheet HTML 7Page - STMicroelectronics TEA7092 Datasheet HTML 8Page - STMicroelectronics TEA7092 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
I - TEA7092 GENERAL INFORMATION
I.1 - Setting the TEA7092 Application
TEA7092 is a telephone set integrated circuit de-
signed to meet various country’s requirements.
TEA7092 is adapted to each country through ex-
ternal component value modifications.
TEA7092 performs the following features :
- Speech (Line interface & 2 wires / 4 wires)
- Call progress monitor (Exchange tone heard in
the loudpeaker & On-Hook dialing)
- Group listening (Handset & loudspeaker used
simultaneously)
- Handfree interface
- Ring on Loudspeaker
- DTMF dialing
- DC mask in Pulse dialing mode (Tip & Ring
voltage reduced during make period)
- Microcontroller interface
- Line current variation detector for transfer
- Waiting melody generator
- Beep error generator
All these features can be programmed by the as-
sociated microcontroller through the serial bus in-
terface.
Make a copy of the last page of this document
and keep it as a reference, when you read this
application note, if you want to refer to the
external component names.
When setting the application, it is preferable to
respect the following flow chart :
Speech Part and DTMF Dialing
- Start your application with the default component
values given at the last page of this document
(typical application).
- Adjust the DC and START-UP characteristics.
- Adjust the Impedance (return loss).
- Adjust the Transmit parameters (softclipping
level, gain, frequency response curve).
- Adjust the Sidetone network(s)*.
- Adjust the Receive parameters (gain, frequency
response curve)*.
- Adjust the DTMF output level.
* Each of these two adjustments is influenced by the other one, for
more information, see Sections II.4 & II.5.
Call Progress Monitor and Group Listening
- Adjust the Loudspeaking amplifier (gain, fre-
quency response curve) without handsetconnec-
tion in order to avoid influence of the handset
microphone.
- Adjust the Antiacoustic feedback efficiency.
Ringer Part
- Choose the Ring frequency melody.
- Adjust the Ring start up level.
- Optimize the loudspeaker output power.
Further Features
- Tip & Ring DC value in the make period in pulse
dialing mode,
- Line current variation detector for transfer,
- Waiting melody generator,
- Beep error generator,
- Microcontroller interface,
are essentialy software programming.
Note : Throughout the application note, IL is the
current which power supplies the complete appli-
cation (current is equivalent to the one delivered by
an exchange to power a telephone set). For the
entire application note, unless otherwise specified,
the component values are those given at the last
page of this document (typical application).
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
3/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com