Electronic Components Datasheet Search
  English  ▼

X  

TCLT1108 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCLT1108
Description  Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1108 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCLT1108 Datasheet HTML 1Page - Vishay Siliconix TCLT1108 Datasheet HTML 2Page - Vishay Siliconix TCLT1108 Datasheet HTML 3Page - Vishay Siliconix TCLT1108 Datasheet HTML 4Page - Vishay Siliconix TCLT1108 Datasheet HTML 5Page - Vishay Siliconix TCLT1108 Datasheet HTML 6Page - Vishay Siliconix TCLT1108 Datasheet HTML 7Page - Vishay Siliconix TCLT1108 Datasheet HTML 8Page - Vishay Siliconix TCLT1108 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83514
Rev. 1.8, 03-Dec-04
TCLT11.. Series
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µsIFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage (RMS)
VISO
5000
VRMS
Total power dissipation
Ptot
250
mW
Operating ambient temperature
range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Tsld
240
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µAVECO
7V
Collector-emitter cut-off current
VCE = 20 V, If = 0, E = 0
ICEO
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com