Electronic Components Datasheet Search
  English  ▼

X  

TFP201 Datasheet(PDF) 10 Page - Texas Instruments

Part # TFP201
Description  TI PANEL BUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TFP201 Datasheet HTML 6Page - Texas Instruments TFP201 Datasheet HTML 7Page - Texas Instruments TFP201 Datasheet HTML 8Page - Texas Instruments TFP201 Datasheet HTML 9Page - Texas Instruments TFP201 Datasheet HTML 10Page - Texas Instruments TFP201 Datasheet HTML 11Page - Texas Instruments TFP201 Datasheet HTML 12Page - Texas Instruments TFP201 Datasheet HTML 13Page - Texas Instruments TFP201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 – REVISED JUNE 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
fundamental operation
The TFP201/201A is a digital visual interface (DVI) compliant TMDS digital receiver that is used in digital flat
panel display systems to receive and decode TMDS encoded RGB pixel data streams. In a digital display
system a host, usually a PC or workstation, contains a TMDS compatible transmitter that receives 24 bit pixel
data along with appropriate control signals and encodes them into a high-speed low-voltage differential serial
bit stream fit for transmission over a twisted-pair cable to a display device. The display device, usually a
flat-panel monitor, will require a TMDS compatible receiver like the TI TFP201/201A to decode the serial bit
stream back to the same 24 bit pixel data and control signals that originated at the host. This decoded data can
then be applied directly to the flat panel drive circuitry to produce an image on the display. Since the host and
display can be separated by distances up to 5 meters or more, serial transmission of the pixel data is preferred.
To support modern display resolutions up to SXGA a high bandwidth receiver with good jitter and skew tolerance
is required.
TMDS pixel data and control signal encoding
TMDS stands for transition minimized differential signaling. Only one of two possible TMDS characters for a
given pixel will be transmitted at a given time. The transmitter keeps a running count of the number of ones and
zeros previously sent and transmits the character that will minimize the number of transitions and approximate
a dc balance of the transmission line.
Three TMDS channels are used to receive RGB pixel data during active display time, DE = high. The same three
channels also receive control signals, HSYNC, VSYNC, and user defined control signals CTL[3:1]. These
control signals are received during inactive display or blanking-time. Blanking-time is when DE = low. The
following table maps the received input data to appropriate TMDS input channel in a DVI compliant system.
RECEIVED PIXEL DATA
ACTIVE DISPLAY DE = HIGH
INPUT CHANNEL
OUTPUT PINS
(VALID FOR DE = HIGH)
Red[7:0]
Channel – 2 (Rx2
±)
QE[23:16] QO[23:16]
Green[7:0]
Channel – 1 (Rx1
±)
QE[15:8] QO[15:8]
Blue[7:0]
Channel – 0 (Rx0
±)
QE[7:0] QO[7:0]
RECEIVED CONTROL DATA
BLANKING DE = LOW
INPUT CHANNEL
OUTPUT PINS
(VALID FOR DE = LOW)
CTL[3:2]
Channel – 2 (Rx2
±)
CTL[3:2]
CTL[1: 0] (see Note 6)
Channel – 1 (Rx1
±)
CTL1
HSYNC, VSYNC
Channel – 0 (Rx0
±)
HSYNC, VSYNC
NOTE 7: Some TMDS transmitters transmit a CTL0 signal. The TFP201/201A decodes and
transfers CTL[3:1] and ignores CTL0 characters. CTL0 is not available as a
TFP201/201A output.
The TFP201/201A discriminates between valid pixel TMDS characters and control TMDS characters to
determine the state of active display versus blanking, i.e., state of DE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com