Electronic Components Datasheet Search
  English  ▼

X  

THAT1512 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THAT1512
Description  Low Noise, High Performance Microphone Preamplifier IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1512 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THAT1512 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1512 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1512 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1512 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1512 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1512 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478-9200; Fax: +1 508 478-0990; Web: www.thatcorp.com
600031 Rev. 7/23/02
Page 3
Preliminary Information
Electrical Characteristics (Cont’d)
1510
1512
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
Common Mode Rejection
CMR
VCM =± 10V;DCto60Hz
0 dB gain
20
55
—
20
55
—
dB
20 dB gain
40
75
—
40
75
—
dB
40 dB gain
60
95
—
60
95
—
dB
60 dB gain
80
115
—
80
115
—
dB
Power Supply Rejection
PSR
VCC=|VEE|; ±5V to ±20V; DC to 60 Hz
0 dB gain
—
85
—
—
85
—
dB
20 dB gain
—
105
—
—
105
—
dB
40 dB gain
—
120
—
—
120
—
dB
60 dB gain
—
124
—
—
124
—
dB
Total Harmonic Distortion
THD+N
VOUT = 7Vrms; RL =5kW
f = 1kHz; BW = 20 kHz
0 dB gain
—
0.0005
—
—
0.0005
—
%
20 dB gain
—
0.0005
—
—
0.0005
—
%
40 dB gain
—
0.0005
—
—
0.0005
—
%
60 dB gain
—
0.005
—
—
0.005
—
%
f = 20kHz; BW = 80 kHz
0 dB gain
—
0.002
—
—
0.002
—
%
60 dB gain
—
0.005
—
—
0.005
—
%
Equivalent Input Noise
e
n(OUT)
f = 1kHz,
0dB gain
—
57
—
—
34
—
nV/
ÖHz
20dB gain
—
7
—
—
4.6
—
nV/
ÖHz
40dB gain
—
1.7
—
—
1.4
—
nV/
ÖHz
60dB gain
—
1
—
—
1
nV/
ÖHz
Input Current Noise
in
60dB gain
—
2.3
—
—
2.3
—
pA/
ÖHz
Noise Figure
NF
60dB gain
RS = 150 W
—
1.6
—
—
1.6
—
dB
RS = 200 W
—
1.3
—
—
1.3
—
dB
Slew Rate
SR
RL =2kW
CL =50pF
16
28
—
16
24
—
V/
ms
Bandwidth -3dB
BW-3dB
RL =2kW; CL =10pF
0dB gain
—
15
—
—
11
—
MHz
20dB gain
—
8
—
—
9
—
MHz
40dB gain
—
7
—
—
7
—
MHz
60dB gain
—
3
—
—
1.6
MHz
Output Gain Error
GER (OUT)
f = 1kHz; RL =2kW
0dB gain
—
± 0.25
± 1
—
± 0.25
± 1
dB
20dB gain
—
± 0.20
± 1
—
± 0.20
± 1
dB
40dB gain
—
± 0.20
± 1
—
± 0.20
± 1
dB
60dB gain
—
± 0.05 ± 0.5
—
± 0.05 ± 0.5
dB
Output Voltage Swing
VO
RL =2kW
all gains
±13
±13.3
—
±13
±13.3
—
V
Output Short Circuit Current
ISC
RL =0 W
—
±17
—
—
± 17
—
mA
Minimum Resistive Load
RLmin
—2—
—2—
k
W
Maximum Capacitive Load
CLmax
—
—
200
—
—
200
pF
Gain Equation
G
k
RG
=+
1
10
W
G.
k
RG
=+
05
5
W
Gain Resistor (ideal values)
RG
0dB gain
¥
10k
W
20dB gain
1,100
526.3
W
40dB gain
101
50.3
W
60dB gain
10
5
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com