Electronic Components Datasheet Search
  English  ▼

X  

IRKT56/16AS90 Datasheet(PDF) 8 Page - International Rectifier

Part # IRKT56/16AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT56/16AS90 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRKT56/16AS90 Datasheet HTML 2Page - International Rectifier IRKT56/16AS90 Datasheet HTML 3Page - International Rectifier IRKT56/16AS90 Datasheet HTML 4Page - International Rectifier IRKT56/16AS90 Datasheet HTML 5Page - International Rectifier IRKT56/16AS90 Datasheet HTML 6Page - International Rectifier IRKT56/16AS90 Datasheet HTML 7Page - International Rectifier IRKT56/16AS90 Datasheet HTML 8Page - International Rectifier IRKT56/16AS90 Datasheet HTML 9Page - International Rectifier IRKT56/16AS90 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRK.41, .56 Series
8
Bulletin I27131 rev. G 10/02
www.irf.com
Fig. 16 - On-state Power Loss Characteristics
Fig. 17 - On-state Power Loss Characteristics
Fig. 18 - On-state Power Loss Characteristics
0
20
406080
100 120 140
Maximum Allowable Ambient Temperature (°C)
4 K/W
2 K/W
1.5 K/W
1 K/W
0.7
K/W
0
20
40
60
80
100
120
140
160
180
200
0
20
406080
100 120 140
180°
120°
90°
60°
30°
Total RMS Output Current (A)
Conduction Angle
IRK.56.. Series
Per Module
T = 125°C
J
0
2040
6080
100 120 140
Maximum Allowable Ambient Temperature (°C)
2 K/W
1 K/W
0.7 K/W
0.5 K
/W
0.3
K/W
0.2
K/W
0
50
100
150
200
250
300
350
400
450
0
204060
80
100 120 140
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x IRK.56.. Series
Single Phase Bridge
Connected
T = 125°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1 K/W
0.7 K/W
0.5 K/
W
0.3
K/W
0.2
K/W
0
100
200
300
400
500
600
0
20 40 60 80 100 120 140 160 180
Total Output Current (A)
120°
(Rect)
3 x IRK.56.. Series
Three Phase Bridge
Connected
T = 125°C
J



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com