Electronic Components Datasheet Search
  English  ▼

X  

CJ201003DM Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # CJ201003DM
Description  Thick Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CJ201003DM Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  CJ201003DM Datasheet HTML 1Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 2Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 3Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 4Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
American Accurate Components, Inc.
Thick Film Chip Resistors
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
4
EIA Standard Values
Decade Values in the EIA Standard E-24 Series:
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
Decade Values in the EIA Standard E-96 Series:
1.00
2.10
4.22
8.25
16.9
32.4
59.0
1.02
2.15
4.32
8.45
17.4
33.0
60.4
1.05
2.20
4.42
8.56
17.8
33.2
61.9
1.07
2.21
4.53
8.87
18.0
34.0
62.0
1.10
2.26
4.64
9.09
18.2
34.8
63.4
1.13
2.32
4.70
9.31
18.7
35.7
64.9
1.15
2.37
4.75
9.53
19.1
36.0
65.5
1.18
2.43
4.87
9.76
19.6
36.5
68.0
1.21
2.49
4.99
10.0
20.0
37.4
68.1
1.24
2.56
5.11
10.2
20.5
38.3
69.8
1.27
2.61
5.23
10.5
21.0
39.0
71.5
1.30
2.67
5.36
10.7
21.5
39.2
73.2
1.33
2.74
5.49
11.0
22.0
40.2
75.0
1.37
2.80
5.60
11.3
22.1
41.2
76.8
1.40
2.87
5.62
11.5
22.6
42.2
78.7
1.43
2.94
5.76
11.8
23.2
43.0
80.6
1.47
3.00
5.90
12.0
23.7
43.2
82.0
1.50
3.01
6.04
12.1
24.0
44.2
82.5
1.54
3.09
6.19
12.4
24.3
45.3
84.5
1.58
3.16
6.20
12.7
24.9
46.4
86.6
1.62
3.24
6.34
13.0
25.5
47.0
88.7
1.65
3.32
6.49
13.3
26.1
47.5
90.9
1.69
3.40
6.65
13.7
26.7
48.7
91.0
1.74
3.48
6.80
14.0
27.0
49.9
93.1
1.78
3.57
6.81
14.3
27.4
51.0
95.3
1.80
3.65
6.98
14.7
28.0
51.1
97.6
1.82
3.74
7.15
15.0
28.7
52.3
1.87
3.83
7.35
15.4
29.4
53.6
1.91
3.90
7.50
15.8
30.0
54.9
1.96
3.92
7.68
16.0
30.1
56.0
2.00
4.02
7.87
16.2
30.9
56.2
2.05
4.12
8.06
16.5
31.6
57.6
Those items in a shaded box are also E-24 values and will be
marked with the EIA 3 Digit Code.
VALUE MARKING
For those parts ordered with an E-24 value, the product will be
marked with a 3 digit code. For those products ordered with an
E-96 value, the product will be marked with a 4 digit code. For
those parts which fall under E-96 and E-24 values (e.g. 1K ohm
is both an E-96 and E-24 value), the part will be marked with a 3
digit code; 4 digit markings for this type is available upon special
request.
01005, 0201, and 0402 Size
No marking
E-24 & E-96 Values
0603 Size
EIA 96 Digit Code of 3.32K ohm
E-96 Values
0603, 0805, 1206, 1210, 2010, 2512 Sizes
EIA 3 Digit Code of 10K ohm resistor
E-24 Values, E-96 Values
0805, 1206, 1210, 2010, 2512 Sizes
EIA 4 Digit Code of 121K ohm resistor
E-96 Values
0603 MARKING CODE for E96 VALUES
By combining a specific two digit number and a letter code, you
have a series of numeric/alpha digits that give you the complete
(E96) resistance value codes for 0603 size part marking.
Value
Code
Value
Code
Value
Code
Value
Code
10.0
01
17.8
25
31.6
49
56.2
73
10.2
02
18.2
26
32.4
50
57.6
74
10.5
03
18.7
27
33.2
51
59.0
75
10.7
04
19.1
28
34.0
52
60.4
76
11.0
05
19.6
29
34.8
53
61.9
77
11.3
06
20.0
30
35.7
54
63.4
78
11.5
07
20.5
31
36.5
55
64.9
79
11.8
08
21.0
32
37.4
56
66.5
80
12.1
09
21.5
33
38.3
57
68.1
81
12.4
10
22.1
34
39.2
58
69.8
82
12.7
11
22.6
35
40.2
59
71.5
83
13.0
12
23.3
36
41.2
60
73.2
84
13.3
13
23.7
37
42.2
61
75.0
85
13.7
14
24.3
38
43.2
62
76.8
86
14.0
15
24.9
39
44.2
63
78.7
87
14.3
16
25.5
40
45.3
64
80.6
88
14.7
17
26.1
41
46.4
65
82.5
89
15.0
18
26.7
42
47.5
66
84.5
90
15.4
19
27.4
43
48.7
67
86.6
91
15.8
20
28.0
44
49.9
68
88.7
92
16.2
21
28.7
45
51.1
69
90.9
93
16.5
22
29.4
46
52.3
70
93.1
94
16.9
23
30.1
47
53.6
71
95.3
95
17.4
24
30.9
48
54.9
72
97.6
96
Letter Multiplier Cross Reference
A =10
C = 1,000
E = 100,000
X = 1
B = 100
D = 10,000
F = 1,000,000
Y = 0.1
0603 Code
Explanation
Value
01B
01 = 10.0 & B = 100
10.0x100 = 1K Ω
25C
25 = 17.8 & C = 1,000
17.8x1,000 = 17.8K Ω
93D
93 = 90.9 & D = 10,000
90.9 x 10,000 = 909K Ω
PACKAGE QUANTITY
Type
01005
0201
0402
0603
0805
B
25,000
10,000
M
15,000
10,000
10,000
5,000
5,000
V
40,000
40,000
20,000
20,000
Type
1206
1210
2010
2512
B
5,000
M
5,000
5,000
4,000
4,000
V
20,000
20,000
20,000
20,000
51B
1213
103



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com