Electronic Components Datasheet Search
  English  ▼

X  

TLP190B Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP190B
Description  TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP190B Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP190B Datasheet HTML 1Page - Toshiba Semiconductor TLP190B Datasheet HTML 2Page - Toshiba Semiconductor TLP190B Datasheet HTML 3Page - Toshiba Semiconductor TLP190B Datasheet HTML 4Page - Toshiba Semiconductor TLP190B Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP190B
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−Diode Array
TLP190B
Telecommunication
Programmable Controllers
MOS Gate Driver
MOS FET Gate Driver
The TOSHIBA mini flat coupler TLP190B is a small outline coupler,
suitable for surface mount assembly.
The TLP190B consists of a GaAℓAs light emitting diode, optically
coupled to a series connected photo diode array which is suitable for
MOS FET gate drive.
· Open voltage: 7.0V (min.)
· Short current: 12.0µA (min.)
· Isolation voltage: 2500Vrms (min.)
· UL recognized: UL1577, file no. E67349
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current
derating (Ta ≥ 25°C)
∆IF / °C
-0.5
mA / °C
Pulse forward current
(100µs pulse 100pps)
IFP
1
A
Reverse voltage
VR
3
V
LED
Junction temperature
Tj
125
°C
Forward current
IFD
50
µA
Reverse voltage
VRD
10
V
Detector
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-40~85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage
(AC, 1 min., R.H. ≤ 60%)
(Note)
BVS
2500
Vrms
(Note) Device considered a two terminal device: Pins 1 and 3 shorted
together and pins 4 and 6 shorted together.
Pin Configuration (top view)
1. Anode
3. Cathode
4. Cathode
6. Anode
6
4
1
3
Unit in mm
TOSHIBA
11
−4C1
Weight: 0.09 g


Similar Part No. - TLP190B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP190B TOSHIBA-TLP190B Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
More results

Similar Description - TLP190B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
TOSHIBA Photocoupler GaAℓAs Ired & Photo-Diode Array
25-Sep-2002
TLP551 TOSHIBA-TLP551 Datasheet
320Kb / 8P
PHOTOCOUPLER GaAAs IRED PHOTO IC
01-Jun-2001
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP3902 TOSHIBA-TLP3902_14 Datasheet
210Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
TLP3904 TOSHIBA-TLP3904_14 Datasheet
264Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com