Electronic Components Datasheet Search
  English  ▼

X  

TLP320 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP320
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP320 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP320 Datasheet HTML 1Page - Toshiba Semiconductor TLP320 Datasheet HTML 2Page - Toshiba Semiconductor TLP320 Datasheet HTML 3Page - Toshiba Semiconductor TLP320 Datasheet HTML 4Page - Toshiba Semiconductor TLP320 Datasheet HTML 5Page - Toshiba Semiconductor TLP320 Datasheet HTML 6Page - Toshiba Semiconductor TLP320 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP320,TLP320-2,TLP320-4
2002-09-25
5
IF – Ta
Ambient temperature Ta (°C)
0
160
0
-20
200
120
80
40
20
40
60
80
100
120
IF – VF
Forward voltage VF (V)
0.6
100
0.1
50
30
10
5
3
1
0.5
0.3
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25°C
Forward current IF (mA)
∆VF / ∆Ta – IF
-3.2
-0.4
0.1
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
0.3
1
3
10
30
50
IFP – VFP
Pulse forward voltage VFP (V)
0.6
1000
1
Pulse width ≦ 10μs
Repetitive
frequency = 100Hz
Ta = 25°C
500
300
100
50
30
10
5
3
1.0
1.4
1.8
2.2
2.6
PC – Ta
Ambient temperature Ta (°C)
160
0
-20
200
120
80
40
0
20
40
60
80
100
120
TLP320
TLP320
-2, -4
IFP – DR
Duty cycle ratio DR
3
3000
10
5000
1000
500
300
100
50
30
10
-2
3
3
3
10
-3
10
-1
10
0
Pulse width ≦ 100μs
Ta = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com