Electronic Components Datasheet Search
  English  ▼

X  

TLP320-2 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP320-2
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP320-2 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP320-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP320-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP320-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP320-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP320-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP320-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP320-2 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP320,TLP320-2,TLP320-4
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP320, TLP320-2, TLP320-4
Telecommunication
Office Machine
Telephone Use Equipment
The TOSHIBA TLP320, −2 and −4 consists of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode.
The TLP320−2 offers two isolated channels in an eight lead plastic DIP
package, while the TLP320−4 provides four isolated channels in a
sixteen plastic DIP package. This is suitable for application of AC input
current up to 150mA.
· IF maximum rating: ±150mA
· Collector−emitter voltage: 55V (min.)
· Current transfer ratio: 25% (min.) (IF = 20mA)
· Isolation voltage: 5000Vrms (min.)
· UL recognized: file No. E67349
Pin Configurations (top view)
2
TLP320
1 : Anode
Cathode
2 : Cathode
Anode
3 : Emitter
4 : Collector
1
3
4
2
TLP320-2
1,3 : Anode
Cathode
2,4 : Cathode
Anode
5,7 : Emitter
6,8 : Collector
1
7
8
4
3
5
6
2
TLP320-4
1,3,5,7
: Anode
Cathode
2,4,6,8
: Cathode
Anode
9,11,13,15 : Emitter
10,12,14,16 : Collector
1
15
16
4
3
13
14
11
12
9
10
6
5
8
7
TOSHIBA
11−5B2
Weight: 0.26g
TOSHIBA
11−10C4
Weight: 0.54g
TOSHIBA
11−20A3
Weight: 1.1g
Unit in mm
TENTATIVE


Similar Part No. - TLP320-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
More results

Similar Description - TLP320-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
25-Sep-2002
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com