Electronic Components Datasheet Search
  English  ▼

X  

TLP320-4 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP320-4
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP320-4 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP320-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP320-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP320-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP320-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP320-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP320-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP320-4 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP320,TLP320-2,TLP320-4
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = ±100 mA
—
1.4
1.7
V
Forward current
IF
VF = ±0.7 V
—
2.5
20
µA
Capacitance
CT
V = 0, f = 1 MHz
—
60
—
pF
Collector
-emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
55
—
—
V
Emitter
-collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
—
—
V
VCE = 24 V
—
10
100
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
—
2
50
µA
Capacitance collector to
emitter
CCE
V = 0, f = 1 MHz
—
10
—
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IC / IF
IF = ±20 mA, VCE = 1 V
25
—
—
Current transfer ratio
IC / IF
(high)
IF = ±100 mA, VCE = 1 V
20
—
80
%
IC = 2.4 mA, IF = ±20 mA
—
—
0.4
Collector
-emitter
saturation voltage
VCE (sat)
IC = 2.4 mA, IF = ±100 mA
—
—
0.4
V
Off
-state collector current
IC(off)
VF = ± 0.7V, VCE = 24 V
—
1
10
µA
CTR symmetry
(Note)
IC (ratio)
IC (IF = -20mA) /
IC (IF = +20mA)
(Note)
0.5
1
2
—
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
—
Ω
AC, 1 minute
5000
—
—
AC, 1 second, in oil
—
10000
—
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
—
10000
—
Vdc
(Note)
1V)
CE
V
,
F1
I
F
(I
C1
I
1V)
CE
V
,
F2
I
F
(I
C2
I
C(ratio)
I
=
=
=
=
=
IF1
IF2
IC1
IC2
VCE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com