Electronic Components Datasheet Search
  English  ▼

X  

DM365ZCEZ Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DM365ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM365ZCEZ Datasheet(HTML) 32 Page - Texas Instruments

Back Button DM365ZCEZ Datasheet HTML 28Page - Texas Instruments DM365ZCEZ Datasheet HTML 29Page - Texas Instruments DM365ZCEZ Datasheet HTML 30Page - Texas Instruments DM365ZCEZ Datasheet HTML 31Page - Texas Instruments DM365ZCEZ Datasheet HTML 32Page - Texas Instruments DM365ZCEZ Datasheet HTML 33Page - Texas Instruments DM365ZCEZ Datasheet HTML 34Page - Texas Instruments DM365ZCEZ Datasheet HTML 35Page - Texas Instruments DM365ZCEZ Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 210 page
background image
TMS320DM365
SPRS457E
– MARCH 2009 – REVISED JUNE 2011
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
EM_D14 / GIO63 /
P16
I/O/Z
AEMIF / VDD_AEMIF1_18_
Input
Async EMIF: Data Bus bit[14]
HD14
GIO /
33
HPI
GIO: GIO[63]
HPI: Data bus bit [14]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D13 / GIO62 /
P19
I/O/Z
AEMIF / VDD_AEMIF1_18_
Input
Async EMIF: Data Bus bit[13]
HD13
GIO /
33
HPI
GIO: GIO[62]
HPI: Data bus bit [13]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D12 / GIO61 /
P15
I/O/Z
AEMIF / VDD_AEMIF1_18_
Input
Async EMIF: Data Bus bit[12]
HD12
GIO /
33
HPI
GIO: GIO[61]
HPI: Data bus bit [12]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D11 / GIO60 /
N16
I/O/Z
AEMIF / VDD_AEMIF1_18_
Input
Async EMIF: Data Bus bit[11]
HD11
GIO /
33
HPI
GIO: GIO[60]
HPI: Data bus bit [11]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D10 / GIO59 /
N18
I/O/Z
AEMIF / VDD_AEMIF1_18_
Input
Async EMIF: Data Bus bit[10]
HD10
GIO /
33
HPI
GIO: GIO[59]
HPI: Data bus bit [10]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D9 / GIO58 /
N19
I/O/Z
AEMIF / VDD_AEMIF1_18_
Input
Async EMIF: Data Bus bit[09]
HD9
GIO /
33
HPI
GIO: GIO[58]
HPI: Data bus bit [9]
Note: HPI is pin multiplexed with Asynchronous
EMIF at the output pin. HPI is available only when
boot mode selected is HPI boot mode. In this
configuration, the device will always act as a slave.
EM_D8 / GIO57 /
N15
I/O/Z
AEMIF / VDD_AEMIF1_18_
Input
Async EMIF: Data Bus bit[08]
HD8
GIO /
33
HPI
GIO: GIO[57]
32
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com