Electronic Components Datasheet Search
  English  ▼

X  

TLP628 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP628
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP628 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP628 Datasheet HTML 1Page - Toshiba Semiconductor TLP628 Datasheet HTML 2Page - Toshiba Semiconductor TLP628 Datasheet HTML 3Page - Toshiba Semiconductor TLP628 Datasheet HTML 4Page - Toshiba Semiconductor TLP628 Datasheet HTML 5Page - Toshiba Semiconductor TLP628 Datasheet HTML 6Page - Toshiba Semiconductor TLP628 Datasheet HTML 7Page - Toshiba Semiconductor TLP628 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP628,TLP628
−2,TLP628−4
2002-09-25
4
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
―
2
―
Fall time
tf
―
3
―
Turn
-on time
ton
―
3
―
Turn
-off time
toff
VCC = 10 V, IC = 2 mA
ARL = 100Ω
―
3
―
µs
Turn
-on time
tON
―
3
―
Storage time
ts
―
40
―
Turn
-off time
tOFF
RL = 1.9 kΩ (Fig.1)
VCC = 5 V, IF = 16 mA
―
90
―
µs
Fig. 1 Switching time test circuit
IF
RL
VCC
VCE
VCE
tON
IF
tOFF
VCC
4.5V
0.5V
tS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com