Electronic Components Datasheet Search
  English  ▼

X  

E424 Datasheet(PDF) 2 Page - NEC

Part # E424
Description  NEC E Series LCD Large Format Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

E424 Datasheet(HTML) 2 Page - NEC

  E424 Datasheet HTML 1Page - NEC E424 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NEC E-Series Datasheet
Version 1
March 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
NEC E Series Specifications
SPECIAL CHARACTERISTICS
Audio settings with equaliser, Colour temperature mode, Energy
saving picture mode, Mac and Windows compatible, USB viewer
for JPEG.
Ecological Standards
EnergyStar
1. RS232C Input
2. USB
3. HDMI-Input
4. SPDIF Output (Fiber Optical)
5. Component/Composite + Audio
6. PC Input/D-sub + Audio
Technical Specifications NEC E Series Displays
E324
E424
E464
E554
E654
LCD module
Panel Technology
Edge LED backlights
Active Screen Area (W x H) [mm]
698 x 392
930 x 523
1,018 x 573
1,210 x 680
1,428 x 804
Screen Size [inch/cm]
32 / 81
42 / 107
46 / 117
55 / 140
65 / 165
Aspect Ratio
16:9
Brightness (shipping) [cd/m2]
350
350
370
350
350
Contrast Ratio (typ.)
3000:1
4000:1
Panel Refresh Rate [Hz]
60
120
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31 - 83 (analogue and digital)
RESOLUTION
Native Resolution
1366 x 768
1920 x 1080
Supported on digital and analogue inputs (PC)
1920 x 1080; 1366 x 786; 1280 x 800; 1280 x 720; 1024 x 768; 800 x 600; 720 x 400; 640 x 480
Supported on digital inputs (Video)
1920 x 1080i; 1920 x 1080p; 1280 x 720p; 720 x 480i; 720 x 480p
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin; 1 x RCA (Component / Composite + Audio)
Input Video Digital
3 x HDMI
Input Audio Digital
3 x HDMI
Output Audio Digital
1 x SPDIF
Remote Control
RS232C (9-pin D-sub) input; Remote control IR
ELECTRICAL
Power Consumption on Mode [W]
55 (max.)
86 (max.)
100 (max.)
122 (max.)
260 (max.)
Power Savings Mode [W]
< 0.5 (Standby)
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [ºC]
0 to +40
Operating Humidity [%]
10 to 80
Storage Humidity [%]
5 to 85
Storage Temperature [ºC]
-10 to +60
MECHANICAL
Dimensions (without stand) (W x H x D) [mm]
726 x 443 x 63
957 x 573 x 63
1,046 x 623 x 63
1241 x 735 x 63
1,467 x 872 x 100
Weight (without stand) [kg]
6.7
11.7
13.8
20.2
30.1
Bezel Width [mm]
32.4 (bottom);
9.9 (left, right and top)
32.4 (bottom);
9.5 (left, right and top)
32.4 (bottom);
9.9 (left, right and top)
35.4 (bottom);
11.9 (left, right and top)
47.7 (bottom);
18 (left, right and top)
VESA Mounting [mm]
100 x 100 (FDMI);
4 holes; M4
400 x 400 (FDMI);
4 holes; M6
400 x 400 (FDMI);
4 holes; M6
400 x 400 (FDMI);
4 holes; M6
400 x 400 (FDMI);
4 holes; M6
ADDITIONAL FEATURES
Colour Versions
Black front bezel, Black back cabinet
Safety and Ergonomics
Energy Star 6.0 (except E654); CE; C-tick; FCC Class B; UL/C-UL; PSB; RoHS
Audio
Integrated Speakers (10 W + 10 W)
Shipping Content
Foot; Display; Power cord; VGA cable; Remote control + batteries (AAA x 2); Setup manual
*Layout applicable for E554 & E654
AVAILABLE OPTION
Accessories
Wall Mounts (MSAU, MSMU, LSAU, LSMU)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com