Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320VC5510
Description  Fixed-Point Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5510 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 17Page - Texas Instruments TMS320VC5510 Datasheet HTML 18Page - Texas Instruments TMS320VC5510 Datasheet HTML 19Page - Texas Instruments TMS320VC5510 Datasheet HTML 20Page - Texas Instruments TMS320VC5510 Datasheet HTML 21Page - Texas Instruments TMS320VC5510 Datasheet HTML 22Page - Texas Instruments TMS320VC5510 Datasheet HTML 23Page - Texas Instruments TMS320VC5510 Datasheet HTML 24Page - Texas Instruments TMS320VC5510 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Introduction
21
June 2000 − Revised September 2007
SPRS076O
Table 2−2. Signal Descriptions (Continued)
SIGNAL
NAME
DESCRIPTION
OTHER‡
TYPE†
SUPPLY VOLTAGE PINS
CVDD
S
Dedicated power supply for the internal logic (CPU and peripherals)
DVDD
S
Dedicated power supply for the I/O pins
VSS
S
Ground
MISCELLANEOUS PINS
NC
No connection − do not connect
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup (always enabled)
E − Pin is high impedance in HOLD mode (due to HOLD pin).
B − Internal pulldown (always enabled)
F − Pin is high impedance in OFF mode (due to EMU1/OFF pin).
C − Hysteresis input
G − Pin can be configured as a general-purpose input.
D − Pin has bus holder
H − PIn can be configured as a general-purpose output.
J − Internal pullup enabled by the HPE bit in the system register (SYSR)
K − Internal pulldown enabled by the HPE bit in the system register (SYSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com