Electronic Components Datasheet Search
  English  ▼

X  

E805 Datasheet(PDF) 2 Page - NEC

Part # E805
Description  NEC LCD 80 Entry Level Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

E805 Datasheet(HTML) 2 Page - NEC

  E805 Datasheet HTML 1Page - NEC E805 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC MultiSync® E805 - Technical Specification
DISPLAY
Panel Technology
UV² A with Edge LED backlight
Active Screen Area (W x H) [mm]
1.771 x 996
Screen Size [inch/cm]
80 / 203
Brightness (shipping) [cd/m²]
300, (350 max)
Contrast Ratio (typ.)
5000:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
4 (grey-to-grey)
Haze Level [%]
5
Supported Orientation
Landscape
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1 (analog and digital)
Vertical Frequency [Hz]
50 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on DisplayPort and HDMI
1920 x 1080; 1600 x 1200; 1360 x 768; 1280 x 1024; 1280 x 768; 1080i; 1080p; 1024 x 768; 800 x 600; 720p (50/60 Hz); 640 x 480; 576p
(50 Hz); 480p (60 Hz)
Supported on HDMI only
1360 x 768; 576i (50 Hz); 480i (60 Hz)
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin
Input Video Digital
1 x DisplayPort (with HDCP); 1 x DVI-D (with HDCP); 2 x HDMI (with HDCP)
Input Audio Analogue
2 x 3,5 mm jack
Input Audio Digital
1 x DisplayPort; 2 x HDMI
Input Control
LAN 100Mbit; RS232
Output Audio Analogue
3,5mm jack
Remote Control
LAN with SNMP; RS-232C (9-pin D-sub) Input
SENSORS
Ambient Light Sensor
Integrated, triggered actions programmable
Temperature Sensor
Integrated, 3 sensors, triggered actions programmable
ELECTRICAL
Power Consumption on Mode [W]
230 shipping
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +40
Operating Humidity [%]
20 to 80
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 1.836 x 1.061 x 87
Weight [kg]
Without stand: 61
Bezel Width [mm]
29.7 (left and right); 29.7 (top and bottom)
VESA Mounting [mm]
4 holes; 400 x 400 (FDMI); M8
ADDITIONAL FEATURES
Special Characteristics
Automatic Alarm E-Mails; Colour temperature mode; Image flip; NaViSet Administrator 2; Point Zoom Function; Scheduler
Colour Versions
Black Front Bezel, Black Back Cabinet
Safety and Ergonomics
C-tick; CE; FCC Class B; PSB; RoHS; TÜV GS; UL/C-UL or CSA; VCCI
Audio
Integrated Speakers (10 W + 10 W); Optional Speakers (15 W + 15 W)
Shipping Content
CD-ROM (User Guides/Manuals); Display; DVI-D cable; Power Cable; Remote Control
Warranty
3 years warranty incl. backlight; additional services available; optional 5 year warranty extension
Operating Hours
12/7
AVAILABLE OPTIONS
Accessories
Feet (ST-801); Speaker (SP-TF1, SP-RM1)
GREEN FEATURES
Energy Efficiency
Ambient light sensor; Carbon savings meter; ECOMode
Ecological Materials
Manuals on CD; Optional feet
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
Australia
NEC Australia Pty Ltd
au.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia Pacific (AP)
NEC Asia Pacific
sg.nec.com
Europe (EMEA)
NEC Enterprise Solutions
www.nec-enterprise.com
About NEC Australia. NEC Australia is a leading technology company, delivering a complete portfolio of ICT solutions and services to large
enterprise, small business and government organisations. We deliver innovative solutions to help customers gain greater business value from their
technology investments.
NEC Australia specialises in information and communications technology solutions and services in multi-vendor environments. Solutions and
display solutions, identity management, research and development services, systems integration and professional, technical and managed services.
Product
| v.23.03.2015
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local NEC representatives for further details. Although all efforts have
been made to ensure that the contents are correct, NEC shall not be liable for any direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related materials.
The information contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2015 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered trademarks of NEC Corporation that may be registered in Japan and other jurisdictions.
All other trademarks are the property of their respective owners. All rights reserved. Printed in Australia. Note: This disclaimer also applies to all related documents previously published.
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com