Electronic Components Datasheet Search
  English  ▼

X  

STT6N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT6N3LLH6
Description  Low gate drive power losses
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT6N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STT6N3LLH6 Datasheet HTML 1Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 2Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 3Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 4Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 5Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 6Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 7Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 8Page - STMicroelectronics STT6N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
March 2014
DocID023012 Rev 3
1/12
STT6N3LLH6
N-channel 30 V, 0.021
Ω typ., 6 A STripFET™ VI DeepGATE™
Power MOSFET in a SOT23-6L package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• R
DS(on)
* Q
g
industry benchmark
• Extremely low on-resistance R
DS(on)
• High avalanche ruggedness
• Low gate drive power losses
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages.
SOT23-6L
1
2
3
6
5
4
Order code
VDSS
RDS(on) max
ID
PTOT
STT6N3LLH6
30 V
0.025
Ω
(V
GS
= 10 V)
6 A
1.6 W
0.036
Ω
(V
GS
= 4.5 V)
Table 1. Device summary
Order code
Marking
Package
Packaging
STT6N3LLH6
STG1
SOT23-6L
Tape and reel
www.st.com


Similar Part No. - STT6N3LLH6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT60 ETC2-STT60 Datasheet
576Kb / 4P
Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT60 SIRECTIFIER-STT60 Datasheet
576Kb / 4P
Thyristor-Thyristor Modules
logo
SamHop Microelectronics...
STT600 SAMHOP-STT600 Datasheet
143Kb / 7P
Super high dense cell design for low RDS(ON).
logo
Sirectifier Global Corp...
STT60GK SIRECT-STT60GK Datasheet
829Kb / 4P
Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT60GK08 ETC2-STT60GK08 Datasheet
576Kb / 4P
Thyristor-Thyristor Modules
More results

Similar Description - STT6N3LLH6

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2531GY-HF A-POWER-AP2531GY-HF_14 Datasheet
125Kb / 7P
Low Gate Charge Drive
logo
STMicroelectronics
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
Low gate drive power losses
17-Mar-2010
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
Low forward voltage drop, low power losses
28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
Low forward voltage drop, low power losses
05-May-15
logo
STMicroelectronics
STD35N3LH5 STMICROELECTRONICS-STD35N3LH5 Datasheet
872Kb / 15P
Low gate drive power losses
18-May-2011
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
Low gate drive power losses
30-May-2014
STP105N3LL STMICROELECTRONICS-STP105N3LL Datasheet
819Kb / 13P
Low gate drive power losses
03-Apr-2014
STR2N2VH5 STMICROELECTRONICS-STR2N2VH5 Datasheet
882Kb / 13P
Low gate drive power loss
25-Jul-2014
STS3P6F6 STMICROELECTRONICS-STS3P6F6 Datasheet
933Kb / 16P
Low gate drive power losses
14-Jul-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com