Electronic Components Datasheet Search
  English  ▼

X  

VN0300LS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VN0300LS
Description  N-Channel 20-, 30-, 40-V (D-S) MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN0300LS Datasheet(HTML) 3 Page - Vishay Siliconix

  VN0300LS Datasheet HTML 1Page - Vishay Siliconix VN0300LS Datasheet HTML 2Page - Vishay Siliconix VN0300LS Datasheet HTML 3Page - Vishay Siliconix VN0300LS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TN0201L/0401L, VN0300L/LS
Vishay Siliconix
Document Number: 70199
S-04279—Rev. E, 16-Jul-01
www.vishay.com
11-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Ohmic Region Characteristics
Output Characteristics for Low Gate Drive
On-Resistance vs. Drain Current
Normalized On-Resistance
vs. Junction Temperature
Transfer Characteristics
On-Resistance vs. Gate-to-Source Voltage
VGS – Gate-Source Voltage (V)
VGS – Gate-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
TJ – Junction Temperature (
_C)
2.0
0123
4
5
1.6
1.2
0.8
0.4
0
6 V
5 V
4 V
3 V
2 V
7 V
VGS = 10 V
200
0
0.4
0.8
1.2
1.6
2.0
160
120
80
40
0
1.7 V
2.1 V
2.3 V
2.5 V
2.7 V
2.9 V
500
400
300
0
01
5
200
100
23
4
125
_C
25
_C
VDS = 15 V
TJ = –55
_C
2.5
2.0
1.5
0
01
1.0
0.5
23
0
4
8
12
16
20
3
2
0
1
2.25
2.00
1.75
0.50
–50
–10
150
1.50
1.25
30
70
110
1.00
0.75
I D = 0.5 A
0.1 A
10 V
I D = 0.2 A
VGS = 4.5 V
6 V
10 V
VGS = 10 V
0.5 A
1.0 A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com