Electronic Components Datasheet Search
  English  ▼

X  

TPS75801 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS75801
Description  FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75801 Datasheet(HTML) 2 Page - Texas Instruments

  TPS75801 Datasheet HTML 1Page - Texas Instruments TPS75801 Datasheet HTML 2Page - Texas Instruments TPS75801 Datasheet HTML 3Page - Texas Instruments TPS75801 Datasheet HTML 4Page - Texas Instruments TPS75801 Datasheet HTML 5Page - Texas Instruments TPS75801 Datasheet HTML 6Page - Texas Instruments TPS75801 Datasheet HTML 7Page - Texas Instruments TPS75801 Datasheet HTML 8Page - Texas Instruments TPS75801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
NC
OUT
2
1
IN
EN
GND
3
5
4
VI
1
µF
VO
47
µF
+
Co(1)
(1) See application information section for capacitor selection details.
TPS75801, TPS75815
TPS75818, TPS75825
TPS75833
SLVS330D – JUNE 2001 – REVISED MARCH 2004
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 150 mV at
an output current of 3 A for the TPS75833) and is directly proportional to the output current. Additionally, since
the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output
loading (typically 125 µA over the full range of output current). These two key specifications yield a significant
improvement in operating life for battery-powered systems.
The device is enabled when EN (enable) is connected to a high voltage level (>2 V). Applying a low voltage level
(<0.7 V) to EN shuts down the regulator, reducing the quiescent current to less than 1 µA at T
J = 25°C.
The TPS758xx is offered in 1.5-V, 1.8-V, 2.5-V, and 3.3-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.22 V to 5 V). Output voltage tolerance is specified as a maximum of 3% over
line, load, and temperature ranges. The TPS758xx family is available in a 5-pin TO-220 (KC) and TO-263 (KTT)
packages.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE (TYP)
TO-220 (KC)
TO-263(KTT)(1)
3.3 V
TPS75833KC
TPS75833KTT
2.5 V
TPS75825KC
TPS75825KTT
40
°C to 125°C
1.8 V
TPS75818KC
TPS75818KTT
1.5 V
TPS75815KC
TPS75815KTT
Adjustable 1.22 V to 5 V
TPS75801KC
TPS75801KTT
(1)
The TPS75801 is programmable using an external resistor divider (see application information). The
KTT package is available taped and reeled. Add T for KTT devices in 50-piece reel. Add R for KTT
devices in 500-piece reel.
Figure 1. Typical Application Configuration (For Fixed Output Options)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com