Electronic Components Datasheet Search
  English  ▼

X  

M100 Datasheet(PDF) 2 Page - NEC

Part # M100
Description  AN ENTRY-LEVEL DEVICE WITH THE OPERABILITY AND FUNCTIONALITY OF A HIGHER CLASS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

M100 Datasheet(HTML) 2 Page - NEC

  M100 Datasheet HTML 1Page - NEC M100 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®2011 NEC. The information and specification contained in this
publication are subject to modification without prior notice. All
other names of products and brands cited are the property of
their respective owners. Products can be photographed with the
optional components available. NEC declines all responsibility in
the case of photographic or typing errors. Photos and documents
are not contractual.
Ref : Datasheet - uk / NEC M100 Disk Array October 2011
NEC IT Platform Solutions Division
Tel: +33 1 46 49 46 49
European Headquarters
29, rue des Hautes Pâtures - 92737 Nanterre Cedex France
www.nec-itplatform.com
NEC Corporation
7-1, Shiba 5-chome, Minato-ku, Tokyo, 108-8001 Japan
www.nec.com
M100 DISK ARRAY
Advanced eco features
•• Silent and Autonomously switches
to low-power mode
•• Uses a power-efficient processor
with a TDP (thermal design
power) of 30 W
•• Includes a highly efficient power
supply
•• Operates in environments with
temperatures up to 40ºC, reducing
air conditioning usage
High performance
& availability
•• Usesduplicationandredundancy
design for critical components
•• Capacity and performance can
be increased just by adding
hard disk drives
•• Can
be
managed
remotly
through status monitoring and
log acquisition
•• Uses a high-speed interface
Extremely economical
•• Excellent cost-performance ratio
•• Bundled management software
•• iSCSIinterfaceenableseconomical
system configuration
Easy to install & operate
•• No management server required
•• Setup is simple and quick
•• Can be easily managed and
operated thanks to an intuitive,
user-friendly GUI (CLI supported)
•• Executes self-diagnosis and
displays appropriate response
measures if faults occur
•• Firmware updates can be applied
during operation
SPECIFICATIONS
TyPE
PrODUCT NaME
M100 (FC)
M100 (isCsi) FEaTUrE
Storage Management
Device Management
NEC Storage Manager Suite
•
•
Basic storage functions for multi-array management
Performance Management
NEC Storage PerformanceMonitor Suite
NEC Storage PerformanceMonitor
NEC Storage PerformanceNavigator
•
•
•
•
•
•
Bundle of NEC Storage PerformanceMonitor and NEC Storage PerformanceNavigator
Function for real-time performance monitoring of disk array
Function for efficient perfromance analysis
Storage Control
Storage Control
NEC Storage Manager Express
*10
NEC Storage ControlCommand Media Kit
•
•
•
•
Basic storage management functions embedded in NEC Storage
CLI for data replication, power savings, and volume protection on application servers.
Replication
NEC Storage DynamicDataReplication
*11
NEC Storage DynamicDataReplication Express
*10 *11
NEC Storage RemoteDataReplication
*11
NEC Storage RemoteDataReplication Asynchronous
*11
NEC Storage ReplicationControl SQL Option
*11
NEC Storage ReplicationControl FileSystem Option
*11
•
•
•
•
•
•
•
•
–
–
•
•
Function for volume replication and snapshot within the same disk array
Embedded CLI for volume replication and snapshot within the same disk array
Function for volume replication across different disk arrays
Function for volume replication across different disk arrays over a low speed network
Option function for non-disruptive backup of Microsoft® SQL Server TM
Option function for non-disruptive backup of file system
Resource Control
NEC Storage StoragePowerConserver
*10
NEC Storage VolumeProtect
NEC Storage ThinProvisioning
*10 *12
•
•
•
•
•
•
Function to save storage power consumption by control of HDD Rotation
Function for tamper proof and ensure the integrity of volume data
Function to enhance storage usage efficiency by virtual capacity
High Availability
NEC Storage PathManager
*10
•
•
Path redundancy function
MODEl
M100 Disk array
sUPPOrTiNg 3,5“ DrivE
M100 Disk array
sUPPOrTiNg 2,5“ DrivE
Number of mounted drives
*5
3 to 96
Supported operating systems
*6
Windows, Linux, VMware
Chassis
dimensions
(WxDxH)
Disk array controller
(U count)
482 x 513.2 x 87.8 mm (2U, no front bezel) / 482 x 545.2 x 87.8 mm (2U, with front bezel)
*7
Disk enclosure
( U count)
482 x 513.2 x 87.8 mm (2U, no front bezel) / 482 x 545.2 x 87.8 mm (2U, with front bezel)
*7
Weight
Disk array controller
31 kg max.
Disk enclosure
29 kg max.
Power conditions
100 to 240 VAC, single-phase 50/60 Hz
Maximum power
cosumption
(when operating
in a 25°C
environment)
Disk array controller
400 W
400 W
Disk enclosure
290 W
290 W
Ambient
operating
conditions
Temperature
5 to 40°C (41 to 104°F) (while operating), -10 to 60°C (14 to 140°F) (Non operating)
Humidity
10 to 80% RH (while operating), 5 to 80% RH (Non-Operating)
*1 : Dual controller model capacity *2 : The raiD-0 does not include redundancy, so data will be lost if any of the disks fail. NEC strongly
recommends using a raiD level with redundancy. Please contact NEC before implementing a raiD-0. *3 : Capacity is calculated based on a
conversion factor of 1gB = 1.000.000.000 bytes and 1 TB = 1.000.000.000.000 bytes.
*4 : The maximum capacity is calculated based on the assumption that a drive with the maximum capacity is selected for each drive and that
a raiD-5 is used. *5 : When using ssD, up to 12 drives can be connected. *6 : The disk array conncetion might be restricted depending on
the operating system used. Contact NEC for details. *7 : The front bezel is an optional extra. *10 : Bundled with the diskarray
*11 : Not supported in the single Controller model *12 : To be supported from the 4th quarter of 2011
MODEl
M100 Disk array
sUPPOrTiNg 3,5“ DrivE
M100 Disk array
sUPPOrTiNg 2,5“ DrivE
Chassis structure (rack mount)
Seven disk enclosures supporting 3.5“ drives
or three disk enclosures supporting 2.5“ drives
can be connected to the disk array controller.
Three disks enclosures supporting 2,5“ drives
or six disk enclosures supporting 3,5“ drives
can be connected to the disk array controller.
The disk array controller or
disk enclosure can house up to 12 drives
The disk array controller
or disk enclosure can house up to 24 drives
Host interface
Fibre Channel (8Gbps), iSCSI (1 Gbps or 10 Gbps)
Number of host ports
*1
FC: 8 or 4, iSCSI: 4
Cache
memory
*2
Capacity
*1
8GB
Backup method
Save to flash memory
RAID level
*2
RAID-0, 1, 5, 6, 10, 50, 60, TM
Drive
specifications
Disk interface
SAS (6Gbps)
Type /
Capacity /
Rotation
speed
SAS HDD
3.5“ 300 GB, 450 GB, 600 GB (15,000 rpm)
2.5“ 300 GB, 450 GB, 600 GB (10.000 rpm)
Nearline
SAS HDD
3.5“ 1 TB, 2 TB (7,200 rpm)
2.5“ 1 TB (7,200 rpm)
SSD
3.5“ 400 GB
2.5“ 100 GB
Encryption
SAS HDD
3.5“ 600 GB (15,000 rpm)
2.5“ 600 GB (10,000 rpm)
Device capacity
*3 *4
(maximum
capacity)
SAS HDD
48.9 TB
48.9 TB
Nearline SAS HDD
166.8 TB
83.7 TB
SAS SSD
3.7 TB
897 GB
Encryption SAS HDD
48.9 TB
48.9 TB
add an HDD
add an HDD
storage performance
Workload
Number of
HDDs
30
20
10
HDD
HDD
Replication (Complete Copy)
Backup server
Clustered application servers
M100 Disk array
Snapshot (updated Difference)
advanced Dynamic Pool
HDD
HDD
HDD
HDD
HDD
HDD
HDD
Monitoring the capacity
and threshold
Storing and analyzing
the record of
the allocated capacity
Management Server
logical Disk
Virtual Capacity :
10TB
Real Capacity :
5TB
server
LUN capacity recognized by
the server: 10TB
Pool Capacity: 15TB
Not Used : 10TB
Used: 5TB
Threshold: 13TB
Real capacity can be allocated
according to the usage.
NEC Storage
Manager
HDD can be added
when needed



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com