Electronic Components Datasheet Search
  English  ▼

X  

M300 Datasheet(PDF) 2 Page - NEC

Part # M300
Description  Disk array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

M300 Datasheet(HTML) 2 Page - NEC

  M300 Datasheet HTML 1Page - NEC M300 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®2012 NEC. The information and specification contained in this
publication are subject to modification without prior notice. All
other names of products and brands cited are the property of
their respective owners. Products can be photographed with the
optional components available. NEC declines all responsibility in
the case of photographic or typing errors. Photos and documents
are not contractual.
Ref : Datasheet - uk / NEC M300 Disk Array January 2012
NEC IT platform solutions Division
Tel: +33 1 46 49 46 49
European Headquarters
29, rue des Hautes Pâtures - 92737 Nanterre Cedex France
www.nec-itplatform.com
NEC Corporation
7-1, Shiba 5-chome, Minato-ku, Tokyo, 108-8001 Japan
www.nec.com
m300 DIsk ArrAy
Advanced eco features
•• Silent and Autonomously switches
to low-power mode
•• Uses a power-efficient processor
with a TDP (thermal design
power) of 30 W
•• Includes a highly efficient power
supply
•• Operates in environments with
temperatures up to 40ºC, reducing
air conditioning usage
High performance
& availability
•• Usesduplicationandredundancy
design for critical components
•• Capacity and performance can
be increased just by adding
hard disk drives
•• Can
be
managed
remotly
through status monitoring and
log acquisition
•• Uses a high-speed interface
Extremely economical
•• Excellent cost-performance ratio
•• Affordable management software
•• iSCSIinterfaceenableseconomical
system configuration
Easy to install & operate
•• No management server required
•• Setup is simple and quick
•• Can be easily managed and
operated thanks to an intuitive,
user-friendly GUI (CLI supported)
•• Executes self-diagnosis and
displays appropriate response
measures if faults occur
•• Firmware updates can be applied
during operation
spECIfICATIoNs
MoDel
M300 Disk array
supporting 3,5“ Drive
M300 Disk array
supporting 2,5“ Drive
Number of Drives
*2
3-96 (3.5»HDD) ; 3-144 (2.5»HDD)
Supported operating systems
*3
Windows, Linux, VMware, HP-UX, AIX, Solaris
Chassis
dimensions
(WxDxH)
Disk array controller
(U count)
482 x 513.2 x 87.8 mm (2U,no front bezel) / 482 x 545.2 x 87.8 mm (2U,with front bezel)
Disk enclosure
( U count)
482 x 513.2 x 87.8 mm (2U,no front bezel) / 482 x 545.2 x 87.8 mm (2U,with front bezel)
Weight
Disk array controller
31 kg max.
Disk enclosure
29 kg max.
Power conditions
100 to 240 VAC, single-phase 50/60 Hz
Maximum power
cosumption
(when operating
in a 25°C
environment)
Disk array
controller
*5
SAS HDD
510 W / 420 W
505 W / 420 W
Nearline
SAS HDD
445 W / 360 W
470 W / 385 W
Disk enclosure
SAS HDD
315 W / 265 W
310W / 260 W
Nearline
SAS HDD
250 W / 200 W
275 W / 225 W
Ambient
operating
conditions
Temperature
5 to 40°C (41 to 104°F) (while operating), -10 to 60°C (14 to 140°F) (Non operating)
Humidity
10 to 80% RH (while operating), 5 to 80% RH (Non-Operating)
*1 : Calculated on «1gB=1,024^3B»,»1tB=1,024^4B» basis.
*2 : up to 12 ssD can be installed.
*3 : there might be some restrictions on the os when connected with disk arrays. For more information, please feel free to contact neC.
*4 : sas interface will be supported in CyQ4,2011.
*5 : Host interface is FC+isCsi(1gbps).
*6 : Bundled with neC Baseproduct.
*7 : only FC models are supported.
MoDel
M300 Disk array
supporting 3,5“ Drive
M300 Disk array
supporting 2,5“ Drive
Chassis structure (rack mount)
Up to 7 (seven) 3.5» and 2.5» Disk Enclosures
can be connected to the Disk Array Controller
under the condition that the number of HDD
slots should be up to 144.
Disk Array Controller(3.5»):12 HDD max
Disk Enclosure(3.5»):12 HDD max
Disk Enclosure(2.5»):24 HDD max
Up to 7 (seven) 3.5» and 2.5» Disk Enclosures
can be connected to the Disk Array Controller
under the condition that the number of HDD
slots should be up to 144.
Disk Array Controller(3.5»):12 HDD max
Disk Enclosure(3.5»):12 HDD max
Disk Enclosure(2.5»):24 HDD max
Host interface
Fibre Channel (8Gbps), iSCSI (1 Gbps or 10 Gbps), SAS (6Gbps)
*4
Number of host ports
8x FC, 8x SAS, 4x iSCSI, (4x FC + 4x iSCSI 1G)
Cache memory
Capacity
8GB or 16 GB
Backup method
Save to flash memory
RAID level
RAID-0, 1, 5, 6, 10, 50, 60, TM
Drive
specifications
Disk interface
SAS (6Gbps)
Type /
Capacity /
Rotation
speed
SAS HDD
3.5“ 300 GB, 450 GB, 600 GB (15,000 rpm)
2.5“ 300 GB, 450 GB, 600 GB (10.000 rpm),
300 GB (15 000 rpm)
Nearline
SAS HDD
3.5“ 1 TB, 2 TB (7,200 rpm)
2.5“ 1 TB (7,200 rpm)
SSD
3.5“ 400 GB
2.5“ 100 GB
Encryption
SAS HDD
3.5“ 600 GB (15,000 rpm)
2.5“ 600 GB (10,000 rpm)
Device capacity
*1
(maximum capacity)
SAS HDD
45.5 TB
68.3 TB
Nearline SAS HDD
155.5 TB
117.0 TB
SAS SSD
3.4 TB
836 GB
Encryption SAS HDD
45.5 TB
68.3 TB
add an HDD
add an HDD
storage performance
Workload
number of
HDDs
30
20
10
HDD
HDD
Replication (Complete Copy)
Backup server
Clustered application servers
M100 Disk array
Snapshot (updated Difference)
advanced Dynamic pool
HDD
HDD
HDD
HDD
HDD
HDD
HDD
Monitoring the capacity
and threshold
Storing and analyzing
the record of
the allocated capacity
Management Server
logical Disk
Virtual Capacity :
10TB
Real Capacity :
5TB
server
LUN capacity recognized by
the server: 10TB
Pool Capacity: 15TB
Not Used : 10TB
Used: 5TB
Threshold: 13TB
Real capacity can be allocated
according to the usage.
NEC Storage
Manager
HDD can be added
when needed
FunCtions
proDuCt naMe
M300
Integrated System Operation Management
Integrated Management
Integrated management and integrated monitoring/control platform combined
NEC Storage Manager Suite
-
Integrated management (status monitoring and configuration display)
NEC Storage Manager
•
*6
NEC Storage Manager Express
•
*6
Device Management
Integrated monitoring and control platform
NEC Storage Manager Integration Base
•
*6
Performance Managment
Performance monitoring and performance analysis combined
NEC Storage PerformanceMonitor Suite
•
Performance monitoring
NEC Storage PerformanceMonitor
•
Performance analysis
NEC Storage PerformanceNavigator
•
Storage Control
Storage Control
Storage control
NEC Storage BaseProduct
Mandatory
Integrated operation commands
NEC Storage ControlCommand
•
Replication Control
Copy and snapshot within an enclosure
NEC Storage DynamicDataReplication
•
NEC Storage DynamicDataReplication Express
-
Copy across the enclosures
NEC Storage RemoteDataReplication
•
*7
NEC Storage RemoteDataReplication Asynchronous
•
*7
Microsoft SQL Server link
NEC Storage ReplicationControl SQL Option
•
File system synchronization
NEC Storage ReplicationControl FileSystem Option
•
Resource Control
Access control
NEC Storage AccessControl
•
*6
Data retention
NEC Storage VolumeProtect
•
Power saving
NEC Storage StoragePowerConserver
•
*6
Thin provisioning
NEC Storage ThinProvisioning
•
*6
Data migration
NEC Storage DataMigration
•
High Availability
Path control
NEC Storage PathManager
•



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com