Electronic Components Datasheet Search
  English  ▼

X  

MB4300 Datasheet(PDF) 2 Page - NEC

Part # MB4300
Description  LTE Small Cell Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MB4300 Datasheet(HTML) 2 Page - NEC

  MB4300 Datasheet HTML 1Page - NEC MB4300 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MB4300 Series
*Specifications
Standard Compliance
LTE (3GPP Release-9)
Platform Classification
All-in-one Micro Cell
Duplex Mode
FDD
Frequency Range
700 [MHz], 1800[MHz], 2100[MHz], 2600[MHz]
Channel Bandwidth
5, 10, 15, 20 [MHz]
Transmit Power
~5 [W/ant]
Ant Port
TX/RX: 2/2 (2 x 2 MIMO)
Modulation Schemes
Downlink: OFDMA (QPSK, 16QAM, 64QAM)
Uplink: SC-FDMA (QPSK, 16QAM)
Weight
10Kg
Volume
10L
Dimensions
319(W)×402(H)×106.5(D) mm
Operational Temperature
-40 to 55°C
Ingress Protection Class
Outdoor IP66
Number of UE
Active users: 200 users/cell
Input Power
DC-48V, AC100~240V (Option)
Electrical: 1000Base T 100Base TX
Backhaul
Electrical: 1000Base-T, 100Base-TX
Optical: 1000Base-SX,1000Base-LX
*Specifications are subject to change without notice
NEC Corporation
http://www.nec.com/lte
(c) 2013 NEC Corporation NEC and the NEC logo are registered trademarks of NEC Corporation
All rights reserved. No part of this publication may be reproduced, transmitted, transcribed, stored in a retrieval system, or translated
in any form for by any means without the written permission of NEC Corporation.
All designations used in this document can be trademarks, the use of which by third parties for their own purposes violates the rights
of their owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com