Electronic Components Datasheet Search
  English  ▼

X  

STF20NM65N Datasheet(PDF) 14 Page - STMicroelectronics

Part # STF20NM65N
Description  Low gate input resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM65N Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STF20NM65N Datasheet HTML 10Page - STMicroelectronics STF20NM65N Datasheet HTML 11Page - STMicroelectronics STF20NM65N Datasheet HTML 12Page - STMicroelectronics STF20NM65N Datasheet HTML 13Page - STMicroelectronics STF20NM65N Datasheet HTML 14Page - STMicroelectronics STF20NM65N Datasheet HTML 15Page - STMicroelectronics STF20NM65N Datasheet HTML 16Page - STMicroelectronics STF20NM65N Datasheet HTML 17Page - STMicroelectronics STF20NM65N Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data STB20NM65N-STI20NM65N-STF20NM65N-STP20NM65N-STW20NM65N
14/18
D²PAK mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.350.352
0.368
D1
8
0.315
E
10
10.4
0.393
0.409
E1
8.5
0.334
G4.88
5.28
0.1920.208
L15
15.85
0.590
0.625
L2
1.27
1.4
0.50
0.55
L3
1.4
1.75
0.055
0.68
M2.4
3.2
0.0940.126
R
0.4
0.015
V2
0°
4°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com