Electronic Components Datasheet Search
  English  ▼

X  

STW48N60M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW48N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW48N60M2 Datasheet(HTML) 4 Page - STMicroelectronics

  STW48N60M2 Datasheet HTML 1Page - STMicroelectronics STW48N60M2 Datasheet HTML 2Page - STMicroelectronics STW48N60M2 Datasheet HTML 3Page - STMicroelectronics STW48N60M2 Datasheet HTML 4Page - STMicroelectronics STW48N60M2 Datasheet HTML 5Page - STMicroelectronics STW48N60M2 Datasheet HTML 6Page - STMicroelectronics STW48N60M2 Datasheet HTML 7Page - STMicroelectronics STW48N60M2 Datasheet HTML 8Page - STMicroelectronics STW48N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STW48N60M2
4/12
DocID026473 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5: On /off-states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0, ID = 1 mA
600
V
IDSS
Zero-gate voltage
drain current
VGS = 0, VDS= 600 V
1
µA
VGS = 0, VDS = 600 V,
TC = 125 °C(1)
100
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = ± 25 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 21 A
0.06
0.07
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 100 V, f = 1 MHz
-
3060
-
pF
Coss
Output capacitance
-
143
-
pF
Crss
Reverse transfer
capacitance
-
4.3
-
pF
Coss
eq.
(1)
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
-
630
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz, ID = 0
-
4.6
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 42 A,
VGS = 10 V
(see Figure 15: "Test circuit for
gate charge behavior")
-
70
-
nC
Qgs
Gate-source charge
-
10.5
-
nC
Qgd
Gate-drain charge
-
31
-
nC
Notes:
(1)Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com