Electronic Components Datasheet Search
  English  ▼

X  

P403 Datasheet(PDF) 1 Page - NEC

Part # P403
Description  NEC LCD 40 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P403 Datasheet(HTML) 1 Page - NEC

  P403 Datasheet HTML 1Page - NEC P403 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEC MultiSync® P403
Order Code: P403
NEC LCD 40" Large Format Display
The slimmer, lighter MultiSync®
additional features that make it the ideal professional choice
for any 24/7 Retail, Transportation, Corporate or Control Room
applications that demand trusted performance, flexibility and
lower costs of operation.
New Connectivity and Sensors allow additional creativity in the
content displayed and how it is controlled. The unique built-in
NFC sensor in combination with NEC’s new Android app
reduces installation and maintenance times, especially useful
on larger installations. The Human Sensor is aware of
proximity based viewer presence and can change brightness,
volume, inputs or power the display up or down resulting in
added engagement and considerable energy savings over time.
DELIVERING GENUINE BENEFITS
Programmable Ambient Light Sensor - for reduced power
consumption and eye pleasing brightness levels.
Future Ready with OPS Cable Free Expansion - Upgrade the
power of your display at any time without the need for external
cables or devices.
DICOM support- for medical applications.
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple devices
(limited availability).
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
display devices from a centralised location.
OUTSTANDING PERFORMANCE
Reduce Installation and Operating Costs. The combination of LED back lights,
Intelligent Wireless Data (NFC), programmable Ambient Light Sensor and (optional) OPS
the market.
•
Intelligent Wireless Data (based on NFC). The built-in near field communication (NFC)
chip allows data to be read and written with a mobile phone or tablet PC. Using the NEC
Android app the user can pre-configure the display e.g. LAN settings, language etc. by
holding an NFC capable device close to the display. All data will be transferred to the
screen without the display needing power. This reduces set up and installation time and
cost.
•
Human Sensor. Save on power and reduce operating cost when the display operates at
a very low brightness level and only switches to a higher brightness when a person is
automatically to change from entertainment to information when a person approaches
the screen.
•
Interface Extension. This slot offers unique flexibility for additional connections with
the choice of adding a single digital or two analogue boards.
•
This document is © copyright 2016 NEC Australia
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are expected. Please consult with your NEC representative.


Similar Part No. - P403

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P403 IRF-P403 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P403 VISHAY-P403 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
Coilcraft lnc.
P403 COILCRAFT-P403 Datasheet
100Kb / 1P
Designer’s Kits
logo
NEC
P403-MT NEC-P403-MT Datasheet
607Kb / 2P
NEC LCD 40 Large Format Touch Screen
logo
Astrosyn International ...
P403A ASTROSYN-P403A Datasheet
136Kb / 1P
Model P403A Stepper Motor Driver
More results

Similar Description - P403

ManufacturerPart #DatasheetDescription
logo
NEC
PA272W-BK NEC-PA272W-BK Datasheet
1Mb / 2P
NEC LCD 27" Large Format Display
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
NEC LCD 46 Large Format Display
E654 NEC-E654 Datasheet
401Kb / 2P
NEC LCD 65 Large Format Display
P553 NEC-P553 Datasheet
817Kb / 2P
NEC LCD 55 Large Format Display
P703 NEC-P703 Datasheet
818Kb / 2P
NEC LCD 70 Large Format Display
P801 NEC-P801 Datasheet
830Kb / 2P
NEC LCD 80 Large Format Display
V423 NEC-V423 Datasheet
845Kb / 2P
NEC LCD 42 Large Format Display
V552 NEC-V552 Datasheet
843Kb / 2P
NEC LCD 55 Large Format Display
X401S NEC-X401S Datasheet
859Kb / 2P
NEC LCD 40 Large Format Display
X554UN NEC-X554UN Datasheet
1Mb / 2P
NEC LCD 55 Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com