Electronic Components Datasheet Search
  English  ▼

X  

TVP5146 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TVP5146
Description  NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5146 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TVP5146 Datasheet HTML 17Page - Texas Instruments TVP5146 Datasheet HTML 18Page - Texas Instruments TVP5146 Datasheet HTML 19Page - Texas Instruments TVP5146 Datasheet HTML 20Page - Texas Instruments TVP5146 Datasheet HTML 21Page - Texas Instruments TVP5146 Datasheet HTML 22Page - Texas Instruments TVP5146 Datasheet HTML 23Page - Texas Instruments TVP5146 Datasheet HTML 24Page - Texas Instruments TVP5146 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
2−5
Figure 2−4. Color Low-Pass Filter Frequency
Response
Figure 2−5. Color Low-Pass Filter With Filter
Frequency Response, NTSC Square Pixel
Sampling
f – Frequency – MHz
−70
−60
−50
−40
−30
−20
−10
0
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
PAL SQP –3 dB
@ 1.55 MHz
NTSC SQP –3 dB
@ 1.29 MHz
ITU-R BT.601 –3 dB
@ 1.42 MHz
f – Frequency – MHz
−70
−60
−50
−40
−30
−20
−10
0
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Filter 0
–3 dB @ 1.29 MHz
Filter 1
–3 dB
@ 936 kHz
Filter 3
–3 dB @ 504 kHz
Filter 2
–3 dB @ 767 kHz
−70
−60
−50
−40
−30
−20
−10
0
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 2−6. Color Low-Pass Filter With Filter
Characteristics, NTSC/PAL ITU-R BT.601
Sampling
Figure 2−7. Color Low-Pass Filter With Filter
Characteristics, PAL Square Pixel Sampling
f – Frequency – MHz
−70
−60
−50
−40
−30
−20
−10
0
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Filter 3
–3 dB @ 554 kHz
Filter 2
–3 dB @ 844 kHz
Filter 1
–3 dB
@ 1.03 MHz
Filter 0
–3 dB @ 1.41 MHz
f – Frequency – MHz
Filter 3
–3 dB
@ 605 kHz
Filter 0
–3 dB @ 1.55 MHz
Filter 2
–3 dB @ 922 kHz
Filter 1
–3 dB
@ 1.13 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com