Electronic Components Datasheet Search
  English  ▼

X  

CDR11BP101DFSP Datasheet(PDF) 4 Page - AVX Corporation

Part # CDR11BP101DFSP
Description  Microwave MLC?셲
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR11BP101DFSP Datasheet(HTML) 4 Page - AVX Corporation

  CDR11BP101DFSP Datasheet HTML 1Page - AVX Corporation CDR11BP101DFSP Datasheet HTML 2Page - AVX Corporation CDR11BP101DFSP Datasheet HTML 3Page - AVX Corporation CDR11BP101DFSP Datasheet HTML 4Page - AVX Corporation CDR11BP101DFSP Datasheet HTML 5Page - AVX Corporation CDR11BP101DFSP Datasheet HTML 6Page - AVX Corporation CDR11BP101DFSP Datasheet HTML 7Page - AVX Corporation CDR11BP101DFSP Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8
215
Microwave MLC’s
Performance Curves
AVX CORPORATION
100
1000
Frequency (MHz)
1 Picofarad
10 Picofarad
100 Picofarad
1000
100
10
Q
10000
TYPICAL Q vs. FREQUENCY
AQ11/12
MIL-PRF-55681E - BG
STANDARD - M
AVX CORPORATION
1
10
100
Capacitance (pF)
250 MHz
500 MHz
1000 MHz
0.1
0.01
ESR (ohms)
1
TYPICAL ESR vs. CAPACITANCE
AQ11/12
MIL-PRF-55681E - BG
STANDARD - M
AVX CORPORATION
1
10
100
Capacitance (pF)
250 MHz
500 MHz
1000 MHz
1000
100
10
Q
10000
TYPICAL Q vs. CAPACITANCE
AQ11/12
MIL-PRF-55681E - BG
STANDARD - M
AVX CORPORATION
100
1000
Frequency (MHz)
100 Picofarad
10 Picofarad
3.3 Picofarad
0.1
0.01
ESR (ohms)
1
TYPICAL ESR vs. FREQUENCY
AQ11/12
MIL-PRF-55681E - BG
STANDARD - M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com