Electronic Components Datasheet Search
  English  ▼

X  

AD9649-80EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9649-80EBZ
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649-80EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9649-80EBZ Datasheet HTML 9Page - Analog Devices AD9649-80EBZ Datasheet HTML 10Page - Analog Devices AD9649-80EBZ Datasheet HTML 11Page - Analog Devices AD9649-80EBZ Datasheet HTML 12Page - Analog Devices AD9649-80EBZ Datasheet HTML 13Page - Analog Devices AD9649-80EBZ Datasheet HTML 14Page - Analog Devices AD9649-80EBZ Datasheet HTML 15Page - Analog Devices AD9649-80EBZ Datasheet HTML 16Page - Analog Devices AD9649-80EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD9649
Data Sheet
Rev. B | Page 12 of 32
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty cycle
clock, unless otherwise noted.
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 10. AD9649-80 SNR/SFDR vs. Input Frequency (AIN)
with 2 V p-p Full Scale
120
100
80
60
40
20
0
10
20
30
40
50
60
70
80
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 11. AD9649-80 SNR/SFDR vs. Sample Rate with AIN = 9.7 MHz
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
2048
4096
6144
8192
10,240 12,288 14,336 16,384
OUTPUT CODE
Figure 12. AD9649-80 DNL Error with fIN = 9.7 MHz
120
SNR
SNRFS
SFDR
SFDRFS
100
80
60
40
20
0
–90
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
Figure 13. AD9649-80 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
450,000
400,000
350,000
300,000
250,000
200,000
150,000
100,000
50,000
0
N – 4
N – 3
N – 2
N – 1
N
N + 1 N + 2 N + 3 N + 4
OUTPUT CODE
Figure 14. AD9649-80 Grounded Input Histogram
0.5
2.0
1.5
1.0
0
–0.5
–1.0
–1.5
–2.0
0
2048
4096
6144
8192
10,240 12,288 14,336 16,384
OUTPUT CODE
Figure 15. AD9649-80 INL with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com